![]() Datasheet Search System ![]() Mirror site : alldatasheet.com alldatasheet.co.kr cn.alldatasheet.com alldatasheet.jp Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FFPF20UP60DNTU - 20A, 600V Ultrafast Rectifier - Fairchild Semiconductor |
|
Click FFPF20UP60DNTU to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| GBJ20005_1 | 20A GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
| SBR20U150CT | 20A SBR Super Barrier Rectifier | Diodes Incorporated |
| SB20150CT | 20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER | Won-Top Electronics |
| MURF1620CT_06 | ULTRAFAST RECTIFIER 16 AMPERES 200 VOLTS | ON Semiconductor |
| APT2X101D20J_05 | ULTRAFAST SOFT RECOVERY RECTIFIER DIODE | Advanced Power Technology |
| APT15D100K_05 | ULTRAFAST SOFT RECOVERY RECTIFIER DIODE | Advanced Power Technology |
| APT30D60BHB_05 | ULTRAFAST SOFT RECOVERY RECTIFIER DIODE | Advanced Power Technology |
| MUR2020CTPBF | Ultrafast Rectifier | International Rectifier |
| EGL34A_07 | Surface mount diode Ultrafast silicon rectifier diodes | Semikron International |
| STTH8006 | Turbo 2 ultrafast high voltage rectifier | STMicroelectronics |
Link URL |
|
|
Related keyword |
| FFPF20UP60DNTU Datasheet | FFPF20UP60DNTU Cross Reference | FFPF20UP60DNTU Schematic | FFPF20UP60DNTU Distributor | FFPF20UP60DNTU Datenblatt | FFPF20UP60DNTU RoHS |
| FFPF20UP60DNTU Equivalent | FFPF20UP60DNTU Application Notes | FFPF20UP60DNTU Data Sheet | FFPF20UP60DNTU component | FFPF20UP60DNTU Fiche Technique | FFPF20UP60DNTU Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |