Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1201CNG Datasheet (PDF) - Toshiba Semiconductor

TA1201CNG Datasheet PDF - Toshiba Semiconductor
Part # TA1201CNG
Download  TA1201CNG Download

File Size   795.79 Kbytes
Page   46 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description I2C BUS CONTROL NTSC 1CHIP COLOR TV IC

TA1201CNG Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1201CNG Datasheet PDF - Toshiba Semiconductor

Part # TA1201CNG
Download  TA1201CNG Click to download

File Size   795.79 Kbytes
Page   46 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description I2C BUS CONTROL NTSC 1CHIP COLOR TV IC

TA1201CNG Datasheet (HTML) - Toshiba Semiconductor

Back Button TA1201CNG Datasheet HTML 1Page - Toshiba Semiconductor TA1201CNG Datasheet HTML 2Page - Toshiba Semiconductor TA1201CNG Datasheet HTML 3Page - Toshiba Semiconductor TA1201CNG Datasheet HTML 4Page - Toshiba Semiconductor TA1201CNG Datasheet HTML 5Page - Toshiba Semiconductor TA1201CNG Datasheet HTML 6Page - Toshiba Semiconductor TA1201CNG Datasheet HTML 7Page - Toshiba Semiconductor TA1201CNG Datasheet HTML 8Page - Toshiba Semiconductor TA1201CNG Datasheet HTML 9Page - Toshiba Semiconductor TA1201CNG Datasheet HTML 10Page - Toshiba Semiconductor Next Button 

TA1201CNG Product details

I2C BUS CONTROL NTSC 1CHIP COLOR TV IC



TA1201CNG provides PIF, SIF, Video, Chroma and Deflection circuit for NTSC Color TV. TA1201CNG also provides Audio-Video Switch and Text interface. TA1201CNG combine these functions in a 56pin dual-in-line shrink-type plastic package.

TA1201CNG realizes rationalization of various alignments and controls by bus control system.



FEATURES

● PIF Circuit

   • PLL Type IF Demodulation (Bus alignment)

   • Adjustment Free AFT without Tank Coil

   • RF AGC Output (Delay point : Bus alignment)

   • Dual Time Constant Fast AGC

● Video Circuit

   • Black Stretcher

   • DC Restoration Circuit

   • D.L. Aperture Compensate Circuit (Bus Control)

   • Internal Filter Auto-adjust Circuit (Fsc link type)

   • Uni-color Circuit (Bus control)

   • 3.58MHz Trap Filter Circuit (Bus on / off)

   • Y Delay Line Circuit

● Chroma Circuit

   • Color Control Circuit (Bus control)

   • Tint Control Circuit (Bus control)

   • B.P.F. / T.O.F. Circuit (Bus select)

   • Included ACC / Killer Filter

● SIF Circuit

   • Inter Carrier SIF System

   • External Sound Select Switch (Bus select)

   • Attenuator Circuit (Bus control)

● TEXT Circuit

   • Linear RGB Input

   • Cut Off / Drive Adjustment (Bus adjustment)

   • RGB Primary Color Output

● Deflection Circuit

   • Auto-slicer Type High Performance Sync. Separation Circuit

   • Adjustment Free Countdown System

   • Sync. Separation Output

   • X-ray Protect Circuit

   • Vertical Ramp Output

   • Dual Time Constant AFC Circuit

   • Horizontal and Vertical Position Adjustment (Bus adjustment)

   • Vertical Amplitude Adjustment (Bus adjustment)



 




Similar Part No. - TA1201CNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1201CN TOSHIBA-TA1201CN Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
More results


Similar Description - TA1201CNG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1201CN TOSHIBA-TA1201CN Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201AN TOSHIBA-TA1201AN Datasheet
1Mb / 44P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1268N TOSHIBA-TA1268N Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSE 1CHIP COLOR TV IC
logo
NTE Electronics
NTE7151 NTE-NTE7151 Datasheet
57Kb / 8P
   Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC
NTE7149 NTE-NTE7149 Datasheet
57Kb / 8P
   Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC
logo
Samsung semiconductor
KA2163 SAMSUNG-KA2163 Datasheet
731Kb / 43P
   I2C BUS NTSC 1 CHIP FOR COLOR TV
logo
Panasonic Semiconductor
AN5192K PANASONIC-AN5192K Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
AN5195K PANASONIC-AN5195K Datasheet
309Kb / 26P
   Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
AN5095K PANASONIC-AN5095K Datasheet
405Kb / 36P
   Single chip IC with I2C bus interface for PAL/NTSC color TV system
logo
Sanyo Semicon Device
LA7615 SANYO-LA7615 Datasheet
206Kb / 39P
   Single-Chip NTSC Color TV IC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com