Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTP-628WSL110 Datasheet (PDF) - Fujitsu Component Limited.

FTP-628WSL110 Datasheet PDF - Fujitsu Component Limited.
Part # FTP-628WSL110
Download  FTP-628WSL110 Download

File Size   484.56 Kbytes
Page   6 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Battery drive, MOBILE type Compact standalone thermal pl printer 2??easy loading model

FTP-628WSL110 Datasheet (PDF)

Go To PDF Page Download Datasheet
FTP-628WSL110 Datasheet PDF - Fujitsu Component Limited.

Part # FTP-628WSL110
Download  FTP-628WSL110 Click to download

File Size   484.56 Kbytes
Page   6 Pages
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.
Description Battery drive, MOBILE type Compact standalone thermal pl printer 2??easy loading model

FTP-628WSL110 Datasheet (HTML) - Fujitsu Component Limited.

FTP-628WSL110 Datasheet HTML 1Page - Fujitsu Component Limited. FTP-628WSL110 Datasheet HTML 2Page - Fujitsu Component Limited. FTP-628WSL110 Datasheet HTML 3Page - Fujitsu Component Limited. FTP-628WSL110 Datasheet HTML 4Page - Fujitsu Component Limited. FTP-628WSL110 Datasheet HTML 5Page - Fujitsu Component Limited. FTP-628WSL110 Datasheet HTML 6Page - Fujitsu Component Limited.

FTP-628WSL110 Product details

Overview
The supply voltage of the FTP-628WSL Series is 20VAC (via AC adaptor) or battery. The unit uses 2 inch wide paper. The mechanism and interface board is a standard multiple purpose unit. The semi-rugged printer unit is most suitable for applications such as handheld, mobile and portable devices, as well as for various other equipment.

FeaTureS
• Lightweight and ultra small size
• Easy paper loading
• Bluetooth®, infrared and serial interfaces
• 3.7V Lithion battery, 20 or 240 VAC adapter
• Drop-test - .5 meters
• Water resistant
• Prints 2-D barcodes
• 3 hour charge cycle
• Up to 6 paper rolls / charge
• Program download capability
• Thin label capability
• RoHS compliant
• IP54 compliant




Similar Part No. - FTP-628WSL110

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628WSL100 FUJITSU-FTP-628WSL100 Datasheet
354Kb / 9P
   Battery drive, MOBILE type Compact standalone thermal printer 2??easy loading model
FTP-628WSL100/200-R FUJITSU-FTP-628WSL100/200-R Datasheet
354Kb / 9P
   Battery drive, MOBILE type Compact standalone thermal printer 2??easy loading model
More results


Similar Description - FTP-628WSL110

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTP-628WSL100 FUJITSU-FTP-628WSL100 Datasheet
354Kb / 9P
   Battery drive, MOBILE type Compact standalone thermal printer 2??easy loading model
FTP-628MCL701 FUJITSU-FTP-628MCL701 Datasheet
323Kb / 6P
   BATTERY DRIVER, FTP-608 Series(2inch high speed thermal printer) - Vertical Easy Loading Method
FTP-648M FUJITSU-FTP-648M Datasheet
305Kb / 6P
   battery drive, 4 high speed thermal printer
FTP-62DMCL101 FUJITSU-FTP-62DMCL101 Datasheet
607Kb / 6P
   battery drive, FTP-60D Series 2??high speed thermal printer
FTP-628MCL103 FUJITSU-FTP-628MCL103 Datasheet
376Kb / 7P
   battery drive, FTP-608 Series 2??high speed thermal printer
FTP-628MCL353 FUJITSU-FTP-628MCL353 Datasheet
184Kb / 7P
   2??HIGH SPEED THERMAL PRINTER
FTP-628MCL053 FUJITSU-FTP-628MCL053 Datasheet
64Kb / 6P
   2??HIGH SPEED THERMAL PRINTER
logo
Extech Instruments Corp...
PR20 EXTECH-PR20 Datasheet
143Kb / 1P
   Portable Thermal Printer
logo
AiT Semiconductor Inc.
A4059 AITSEMI-A4059 Datasheet
481Kb / 12P
   BATTERY MANAGEMENT STANDALONE LINEAR LI-ION BATTERY CHARGER WITH THERMAL REGULATION
REV1.0
logo
Fujitsu Component Limit...
FP-1000 FUJITSU-FP-1000 Datasheet
1Mb / 7P
   FUJITSU THERMAL PRINTER
More results




About Fujitsu Component Limited.


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com