Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62308BP1G Datasheet (PDF) - Toshiba Semiconductor

TD62308BP1G Datasheet PDF - Toshiba Semiconductor
Part # TD62308BP1G
Download  TD62308BP1G Download

File Size   405.38 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4CH LOW INPUT ACTIVE HIGE−CURRENT DARLINGTON SINK DRIVER

TD62308BP1G Datasheet (PDF)

Go To PDF Page Download Datasheet
TD62308BP1G Datasheet PDF - Toshiba Semiconductor

Part # TD62308BP1G
Download  TD62308BP1G Click to download

File Size   405.38 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 4CH LOW INPUT ACTIVE HIGE−CURRENT DARLINGTON SINK DRIVER

TD62308BP1G Datasheet (HTML) - Toshiba Semiconductor

Back Button TD62308BP1G Datasheet HTML 1Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 2Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 3Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 4Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 5Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 6Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 7Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 8Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 9Page - Toshiba Semiconductor TD62308BP1G Datasheet HTML 10Page - Toshiba Semiconductor Next Button 

TD62308BP1G Product details

4CH LOW INPUT ACTIVE HIGE−CURRENT DARLINGTON SINK DRIVER



The TD62308BP1G and TD62308BFG are non−inverting transistor array which are comprised of four NPN darlington output stages and PNP input stages. This device is low level input active driver and are suitable for

operation with TTL, 5 V CMOS and 5V Microprocessor which have sink current output drivers.

Applications include relay, hammer, lamp and stepping motor drivers. The suffix (G) appended to the part number represents a Lead (Pb)-Free product.



Features

 Two VCCTerminals VCC1, VCC2(Separated)

 Package Type  BP1G : DIP−16 pin 

                     BFG : HSOP−16 pin

 High Sustaining Voltage Output: VCE (SUS)= 80 V (Min)

 Output Current (Single Output): IOUT= 1.5 A (Max)

 Output Clamp Diodes

 Low Level Active Input

 GND and SUB Terminal = Heat Sink

 Input Compatible with TTL and 5 V CMOS

 Standard Supply Voltage




Similar Part No. - TD62308BP1G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62308BP-1 TOSHIBA-TD62308BP-1 Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Similar Description - TD62308BP1G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62308APG TOSHIBA-TD62308APG Datasheet
210Kb / 11P
   4ch Low Input Active High-Current Darlington Sink Driver
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318AP TOSHIBA-TD62318AP Datasheet
294Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308BP-1 TOSHIBA-TD62308BP-1 Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP-1 TOSHIBA-TD62064BP-1_06 Datasheet
417Kb / 11P
   4CH HIGH−CURRENT DARLINGTON SINK DRIVER
TD62318BP TOSHIBA-TD62318BP Datasheet
292Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLNGTON SINK DRIVER
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064074P TOSHIBA-TD62064074P Datasheet
249Kb / 10P
   4CH HIHG-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
   4ch High-Current Darlington Sink Driver
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com