Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1560CT Datasheet (PDF) - KEC(Korea Electronics)

MBR1560CT Datasheet PDF - KEC(Korea Electronics)
Part # MBR1560CT
Download  MBR1560CT Download

File Size   35.76 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION

MBR1560CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1560CT Datasheet PDF - KEC(Korea Electronics)

Part # MBR1560CT
Download  MBR1560CT Click to download

File Size   35.76 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION

MBR1560CT Datasheet (HTML) - KEC(Korea Electronics)

MBR1560CT Datasheet HTML 1Page - KEC(Korea Electronics) MBR1560CT Datasheet HTML 2Page - KEC(Korea Electronics)

MBR1560CT Product details

SWITCHING TYPE POWER SUPPLY APPLICATION.
CONVERTER & CHOPPER APPLICATION.

FEATURES
• Average Output Rectified Current
   : IO=15A.
• Repetitive Peak Reverse Voltage
   : VRRM=60V.
• Fast Reverse Recovery Time : trr=35ns.




Similar Part No. - MBR1560CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR1560CT TSC-MBR1560CT Datasheet
212Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Diodes Incorporated
MBR1560CT DIODES-MBR1560CT Datasheet
88Kb / 2P
   15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. F-2
logo
Galaxy Semi-Conductor H...
MBR1560CT BILIN-MBR1560CT Datasheet
335Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SMC Diode Solutions Co....
MBR1560CT SMCDIODE-MBR1560CT Datasheet
327Kb / 6P
   MBR1560CT/MBRB1560CT/MBR1560CT-1 SCHOTTKY RECTIFIER
Rev. A
logo
Kersemi Electronic Co.,...
MBR1560CT KERSEMI-MBR1560CT Datasheet
141Kb / 2P
   Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
More results


Similar Description - MBR1560CT

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MBRF20100CT KEC-MBRF20100CT Datasheet
439Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1060CT KEC-MBRF1060CT Datasheet
443Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR545CT KEC-MBR545CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR1545CT KEC-MBR1545CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR30100CT KEC-MBR30100CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR20200CT KEC-MBR20200CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF10150CT KEC-MBRF10150CT Datasheet
439Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1045CT KEC-MBRF1045CT Datasheet
439Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR10150CT KEC-MBR10150CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION
MBRF560CT KEC-MBRF560CT Datasheet
443Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com