Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF10100 Datasheet (PDF) - KEC(Korea Electronics)

MBRF10100 Datasheet PDF - KEC(Korea Electronics)
Part # MBRF10100
Download  MBRF10100 Download

File Size   437.84 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION

MBRF10100 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRF10100 Datasheet PDF - KEC(Korea Electronics)

Part # MBRF10100
Download  MBRF10100 Click to download

File Size   437.84 Kbytes
Page   2 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION

MBRF10100 Datasheet (HTML) - KEC(Korea Electronics)

MBRF10100 Datasheet HTML 1Page - KEC(Korea Electronics) MBRF10100 Datasheet HTML 2Page - KEC(Korea Electronics)

MBRF10100 Product details

SWITCHING TYPE POWER SUPPLY APPLICATION.

CONVERTER & CHOPPER APPLICATION.





FEATURES

Average Output Rectified Current : IO=5A.

Repetitive Peak Reverse Voltage : VRRM=100V.

Fast Reverse Recovery Time : trr=35ns.




Similar Part No. - MBRF10100

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBRF10100 MCC-MBRF10100 Datasheet
99Kb / 2P
   10 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Rugao Dachang Electroni...
MBRF10100 DACHANG-MBRF10100 Datasheet
151Kb / 2P
   Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 10 A
logo
Shanghai Shunye Electro...
MBRF10100 SHUNYE-MBRF10100 Datasheet
319Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MBRF10100 VISHAY-MBRF10100 Datasheet
125Kb / 3P
   High Voltage Schottky Rectifiers
01-Jul-02
logo
Shenzhen Luguang Electr...
MBRF10100 LUGUANG-MBRF10100 Datasheet
251Kb / 2P
   Schottky Barrier Rectifiers
More results


Similar Description - MBRF10100

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MBR1560CT KEC-MBR1560CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF20100CT KEC-MBRF20100CT Datasheet
439Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1060CT KEC-MBRF1060CT Datasheet
443Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR545CT KEC-MBR545CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR1545CT KEC-MBR1545CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR30100CT KEC-MBR30100CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR20200CT KEC-MBR20200CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF10150CT KEC-MBRF10150CT Datasheet
439Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBRF1045CT KEC-MBRF1045CT Datasheet
439Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
MBR10150CT KEC-MBR10150CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION
MBRF560CT KEC-MBRF560CT Datasheet
443Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com