Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL-3147-165 Datasheet (PDF) - Sanyo Semicon Device

DL-3147-165 Datasheet PDF - Sanyo Semicon Device
Part # DL-3147-165
Download  DL-3147-165 Download

File Size   37.76 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description RED LASER DIODE

DL-3147-165 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL-3147-165 Datasheet PDF - Sanyo Semicon Device

Part # DL-3147-165
Download  DL-3147-165 Click to download

File Size   37.76 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description RED LASER DIODE

DL-3147-165 Datasheet (HTML) - Sanyo Semicon Device

DL-3147-165 Datasheet HTML 1Page - Sanyo Semicon Device DL-3147-165 Datasheet HTML 2Page - Sanyo Semicon Device

DL-3147-165 Product details

Features
• Short wavelength : 650 nm (Typ.)
• Low threshold current : Ith = 25 mA (Typ.)
• High operating temperature : 5 mW at 70°C
• TE mode

Applications
• DVD-ROM/PLAYER




Similar Part No. - DL-3147-165

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3147-161 SANYO-DL-3147-161 Datasheet
81Kb / 3P
   Index Guided AlGalnP Laser Diode
More results


Similar Description - DL-3147-165

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3247-165 SANYO-DL-3247-165 Datasheet
38Kb / 2P
   RED LASER DIODE
logo
Sharp Corporation
LT050PS SHARP-LT050PS Datasheet
23Kb / 1P
   Red Laser Diode
logo
Sanyo Semicon Device
DL-LS1032 SANYO-DL-LS1032 Datasheet
23Kb / 1P
   RED LASER DIODE
logo
Roithner LaserTechnik G...
QL63D5SA ROITHNER-QL63D5SA Datasheet
235Kb / 5P
   red laser diode
RLTMRL-3-635 ROITHNER-RLTMRL-3-635 Datasheet
205Kb / 5P
   Red Diode Laser
RLTMRL-685 ROITHNER-RLTMRL-685 Datasheet
181Kb / 1P
   red diode laser
S6305MG ROITHNER-S6305MG Datasheet
213Kb / 5P
   Red Laser Diode
RLTMRL-3-655 ROITHNER-RLTMRL-3-655 Datasheet
195Kb / 1P
   red diode laser
logo
Sanyo Semicon Device
DL-3147-065 SANYO-DL-3147-065 Datasheet
35Kb / 2P
   RED LASER DIODE
logo
List of Unclassifed Man...
DL-5147-041 ETC1-DL-5147-041 Datasheet
348Kb / 2P
   Red Laser Diode
logo
Sanyo Semicon Device
DL-LS1034 SANYO-DL-LS1034 Datasheet
43Kb / 2P
   RED LASER DIODE
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com