Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC244 Datasheet (PDF) - STMicroelectronics

74AC244 Datasheet PDF - STMicroelectronics
Part # 74AC244
Download  74AC244 Download

File Size   79.62 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED

74AC244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AC244 Datasheet PDF - STMicroelectronics

Part # 74AC244
Download  74AC244 Click to download

File Size   79.62 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED

74AC244 Datasheet (HTML) - STMicroelectronics

74AC244 Datasheet HTML 1Page - STMicroelectronics 74AC244 Datasheet HTML 2Page - STMicroelectronics 74AC244 Datasheet HTML 3Page - STMicroelectronics 74AC244 Datasheet HTML 4Page - STMicroelectronics 74AC244 Datasheet HTML 5Page - STMicroelectronics 74AC244 Datasheet HTML 6Page - STMicroelectronics 74AC244 Datasheet HTML 7Page - STMicroelectronics 74AC244 Datasheet HTML 8Page - STMicroelectronics

74AC244 Product details

DESCRIPTION
The 74AC244 is an advanced high-speed CMOS OCTAL BUS BUFFER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology.

■ HIGH SPEED: tPD = 3.8ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
   ICC = 4µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
   VNIH = VNIL = 28 % VCC (MIN.)
■ 50Ω TRANSMISSION LINE DRIVING
   CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
   VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH
   74 SERIES 244
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74AC244

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74AC244 ONSEMI-74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
117Kb / 9P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
logo
STMicroelectronics
74AC244 STMICROELECTRONICS-74AC244 Datasheet
202Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
ON Semiconductor
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
More results


Similar Description - 74AC244

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
logo
STMicroelectronics
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HC244 STMICROELECTRONICS-M74HC244 Datasheet
198Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
74VHCT541A STMICROELECTRONICS-74VHCT541A Datasheet
63Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com