Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ08 Datasheet (PDF) - STMicroelectronics

74LVQ08 Datasheet PDF - STMicroelectronics
Part # 74LVQ08
Download  74LVQ08 Download

File Size   213.43 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT AND GATE

74LVQ08 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ08 Datasheet PDF - STMicroelectronics

Part # 74LVQ08
Download  74LVQ08 Click to download

File Size   213.43 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT AND GATE

74LVQ08 Datasheet (HTML) - STMicroelectronics

Back Button 74LVQ08 Datasheet HTML 1Page - STMicroelectronics 74LVQ08 Datasheet HTML 2Page - STMicroelectronics 74LVQ08 Datasheet HTML 3Page - STMicroelectronics 74LVQ08 Datasheet HTML 4Page - STMicroelectronics 74LVQ08 Datasheet HTML 5Page - STMicroelectronics 74LVQ08 Datasheet HTML 6Page - STMicroelectronics 74LVQ08 Datasheet HTML 7Page - STMicroelectronics 74LVQ08 Datasheet HTML 8Page - STMicroelectronics 74LVQ08 Datasheet HTML 9Page - STMicroelectronics 74LVQ08 Datasheet HTML 10Page - STMicroelectronics Next Button 

74LVQ08 Product details

DESCRIPTION
The LVQ08 is a low voltage CMOS QUAD 2-INPUT AND GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.It is ideal for low power and low noise 3.3V applications.
The internal circuit is composed of 2 stages including buffer output, which enables high noise immunity and stable output.
It has better speed performance at 3.3V than 5V LS-TTL family combined with the true CMOS low power consumption.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ HIGH SPEED: tPD = 5 ns (TYP.) at VCC = 3.3V
■ COMPATIBLEWITH TTL OUTPUTS
■ LOW POWER DISSIPATION:
   ICC =2 µA (MAX.) at TA = 25 °C
■ LOW NOISE:
   VOLP = 0.3 V (TYP.) at VCC = 3.3V
■ 75Ω TRANSMISSIONLINE DRIVING CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 24 mA (MIN)
■ PCI BUS LEVELSGUARANTEED AT 24mA
■ BALANCEDPROPAGATIONDELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGERANGE:
   VCC (OPR)= 2V to 3.6V (1.2VData Retention)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 08
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74LVQ08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVQ08 FAIRCHILD-74LVQ08 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input AND Gate
74LVQ08SC FAIRCHILD-74LVQ08SC Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input AND Gate
74LVQ08SC FAIRCHILD-74LVQ08SC Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input AND Gate
74LVQ08SJ FAIRCHILD-74LVQ08SJ Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input AND Gate
More results


Similar Description - 74LVQ08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com