Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ245M Datasheet (PDF) - STMicroelectronics

74LVQ245M Datasheet PDF - STMicroelectronics
Part # 74LVQ245M
Download  74LVQ245M Download

File Size   67.19 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE

74LVQ245M Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ245M Datasheet PDF - STMicroelectronics

Part # 74LVQ245M
Download  74LVQ245M Click to download

File Size   67.19 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER 3-STATE

74LVQ245M Datasheet (HTML) - STMicroelectronics

74LVQ245M Datasheet HTML 1Page - STMicroelectronics 74LVQ245M Datasheet HTML 2Page - STMicroelectronics 74LVQ245M Datasheet HTML 3Page - STMicroelectronics 74LVQ245M Datasheet HTML 4Page - STMicroelectronics 74LVQ245M Datasheet HTML 5Page - STMicroelectronics 74LVQ245M Datasheet HTML 6Page - STMicroelectronics 74LVQ245M Datasheet HTML 7Page - STMicroelectronics 74LVQ245M Datasheet HTML 8Page - STMicroelectronics

74LVQ245M Product details

DESCRIPTION
The LVQ245 is a low voltage CMOS OCTAL BUS TRANSCEIVER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and low noise 3.3V applications.
It has better speed performance at 3.3V than 5V LSTTL family combined with the true CMOS low power consumption.

■ HIGH SPEED: tPD = 6 ns (TYP.) at VCC = 3.3V
■ COMPATIBLEWITH TTL OUTPUTS
■ LOW POWER DISSIPATION:
   ICC =5 µA (MAX.) at TA = 25 °C
■ LOW NOISE: VOLP = 0.5V(TYP.) at VCC = 3.3V
■ 75Ω TRANSMISSIONLINE DRIVING CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 12 mA (MIN)
■ PCI BUS LEVELSGUARANTEED AT 24mA
■ BALANCEDPROPAGATIONDELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGERANGE:
   VCC (OPR)= 2V to 3.6V (1.2VData Retention)
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 245
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74LVQ245M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ245MTR STMICROELECTRONICS-74LVQ245MTR Datasheet
279Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER WITH (3-STATE)
More results


Similar Description - 74LVQ245M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ245 STMICROELECTRONICS-74LVQ245_04 Datasheet
279Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER WITH (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT623T PERICOM-PI74FCT623T Datasheet
37Kb / 3P
   FAST CMOS OCTAL BUS TRANSCEIVER (3-STATE)
logo
STMicroelectronics
74LVX245 STMICROELECTRONICS-74LVX245 Datasheet
304Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS TRANSCEIVER (3-STATE) WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com