Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVQ574 Datasheet (PDF) - STMicroelectronics

74LVQ574 Datasheet PDF - STMicroelectronics
Part # 74LVQ574
Download  74LVQ574 Download

File Size   75.14 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING

74LVQ574 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVQ574 Datasheet PDF - STMicroelectronics

Part # 74LVQ574
Download  74LVQ574 Click to download

File Size   75.14 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING

74LVQ574 Datasheet (HTML) - STMicroelectronics

74LVQ574 Datasheet HTML 1Page - STMicroelectronics 74LVQ574 Datasheet HTML 2Page - STMicroelectronics 74LVQ574 Datasheet HTML 3Page - STMicroelectronics 74LVQ574 Datasheet HTML 4Page - STMicroelectronics 74LVQ574 Datasheet HTML 5Page - STMicroelectronics 74LVQ574 Datasheet HTML 6Page - STMicroelectronics 74LVQ574 Datasheet HTML 7Page - STMicroelectronics 74LVQ574 Datasheet HTML 8Page - STMicroelectronics 74LVQ574 Datasheet HTML 9Page - STMicroelectronics 74LVQ574 Datasheet HTML 10Page - STMicroelectronics

74LVQ574 Product details

DESCRIPTION

The 74LVQ574 is a low voltage CMOS OCTAL D-TYPE FLIP-FLOP with 3 STATE OUTPUTS NON INVERTING fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and low noise 3.3V applications.



■ HIGH SPEED:

fMAX = 180 MHz (TYP.) at VCC = 3.3V

■ COMPATIBLE WITH TTL OUTPUTS

■ LOW POWER DISSIPATION:

ICC = 4 µA (MAX.) at TA=25°C

■ LOW NOISE:

VOLP = 0.5V (TYP.) at VCC = 3.3V

■ 75Ω TRANSMISSION LINE DRIVING CAPABILITY

■ SYMMETRICAL OUTPUT IMPEDANCE:

|IOH| = IOL = 12mA (MIN) at VCC = 3.0V

■ PCI BUS LEVELS GUARANTEED AT 24 mA

■ BALANCED PROPAGATION DELAYS:

tPLH ≅ tPHL

■ OPERATING VOLTAGE RANGE:

VCC(OPR) = 2V to 3.6V (1.2V Data Retention)

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 574

■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74LVQ574

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ574 STMICROELECTRONICS-74LVQ574 Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ574MTR STMICROELECTRONICS-74LVQ574MTR Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ574TTR STMICROELECTRONICS-74LVQ574TTR Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ574 STMICROELECTRONICS-74LVQ574_04 Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
More results


Similar Description - 74LVQ574

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT574A STMICROELECTRONICS-74VHCT574A_04 Datasheet
273Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74VHC574 STMICROELECTRONICS-74VHC574_04 Datasheet
306Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ374 STMICROELECTRONICS-74LVQ374 Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ574 STMICROELECTRONICS-74LVQ574_04 Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
74VHC374 STMICROELECTRONICS-74VHC374_04 Datasheet
303Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
logo
Toshiba Semiconductor
TC74HC564AP TOSHIBA-TC74HC564AP Datasheet
267Kb / 6P
   OCTAL D -TYPE FLIP-FLOP WITH 3-STATE OUTPUT. INVERTING, NON INVERTING
logo
ON Semiconductor
MC74HC374A ONSEMI-MC74HC374A Datasheet
196Kb / 8P
   Octal 3-State Non-Inverting D Flip-Flop
March, 2000 ??Rev. 8
MC74HC374A ONSEMI-MC74HC374A_14 Datasheet
122Kb / 7P
   Octal 3-State Non-Inverting D Flip-Flop
August, 2014 ??Rev. 14
logo
STMicroelectronics
74AC574 STMICROELECTRONICS-74AC574 Datasheet
248Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
M74HCT374 STMICROELECTRONICS-M74HCT374 Datasheet
233Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com