Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V1G125 Datasheet (PDF) - STMicroelectronics

74V1G125 Datasheet PDF - STMicroelectronics
Part # 74V1G125
Download  74V1G125 Download

File Size   57.04 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE BUS BUFFER 3-STATE

74V1G125 Datasheet (PDF)

Go To PDF Page Download Datasheet
74V1G125 Datasheet PDF - STMicroelectronics

Part # 74V1G125
Download  74V1G125 Click to download

File Size   57.04 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE BUS BUFFER 3-STATE

74V1G125 Datasheet (HTML) - STMicroelectronics

74V1G125 Datasheet HTML 1Page - STMicroelectronics 74V1G125 Datasheet HTML 2Page - STMicroelectronics 74V1G125 Datasheet HTML 3Page - STMicroelectronics 74V1G125 Datasheet HTML 4Page - STMicroelectronics 74V1G125 Datasheet HTML 5Page - STMicroelectronics 74V1G125 Datasheet HTML 6Page - STMicroelectronics 74V1G125 Datasheet HTML 7Page - STMicroelectronics 74V1G125 Datasheet HTML 8Page - STMicroelectronics

74V1G125 Product details

DESCRIPTION
The 74V1G125 is an advanced high-speed CMOS SINGLE BUS BUFFER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
   
■ HIGH SPEED: tPD = 3.8ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 1µA (MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28% VCC (MIN.)
■ POWER DOWN PROTECTION ON INPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 8mA (MIN) at VCC = 4.5V
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 2V to 5.5V
■ IMPROVED LATCH-UP IMMUNITY
   




Similar Part No. - 74V1G125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G125 STMICROELECTRONICS-74V1G125 Datasheet
127Kb / 10P
   SINGLE BUS BUFFER (3-STATE)
74V1G125CTR STMICROELECTRONICS-74V1G125CTR Datasheet
127Kb / 10P
   SINGLE BUS BUFFER (3-STATE)
74V1G125STR STMICROELECTRONICS-74V1G125STR Datasheet
127Kb / 10P
   SINGLE BUS BUFFER (3-STATE)
74V1G125 STMICROELECTRONICS-74V1G125_04 Datasheet
127Kb / 10P
   SINGLE BUS BUFFER (3-STATE)
More results


Similar Description - 74V1G125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LX1G126 STMICROELECTRONICS-74LX1G126 Datasheet
127Kb / 12P
   SINGLE BUS BUFFER (3-STATE)
74V1T125 STMICROELECTRONICS-74V1T125 Datasheet
55Kb / 8P
   SINGLE BUS BUFFER 3-STATE
74V1G126 STMICROELECTRONICS-74V1G126_04 Datasheet
125Kb / 10P
   SINGLE BUS BUFFER (3-STATE)
74V1T125 STMICROELECTRONICS-74V1T125_04 Datasheet
125Kb / 10P
   SINGLE BUS BUFFER (3-STATE)
74V1T126 STMICROELECTRONICS-74V1T126 Datasheet
54Kb / 8P
   SINGLE BUS BUFFER 3-STATE
74LX1G125 STMICROELECTRONICS-74LX1G125 Datasheet
145Kb / 13P
   SINGLE BUS BUFFER (3-STATE)
April 2004
74V1G126 STMICROELECTRONICS-74V1G126 Datasheet
57Kb / 8P
   SINGLE BUS BUFFER 3-STATE
October 1999
74V1G125 STMICROELECTRONICS-74V1G125_04 Datasheet
127Kb / 10P
   SINGLE BUS BUFFER (3-STATE)
74V1T126 STMICROELECTRONICS-74V1T126_04 Datasheet
125Kb / 10P
   SINGLE BUS BUFFER (3-STATE)
logo
Texas Instruments
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com