Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V1G70C Datasheet (PDF) - STMicroelectronics

74V1G70C Datasheet PDF - STMicroelectronics
Part # 74V1G70C
Download  74V1G70C Download

File Size   48.45 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE BUFFER

74V1G70C Datasheet (PDF)

Go To PDF Page Download Datasheet
74V1G70C Datasheet PDF - STMicroelectronics

Part # 74V1G70C
Download  74V1G70C Click to download

File Size   48.45 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE BUFFER

74V1G70C Datasheet (HTML) - STMicroelectronics

74V1G70C Datasheet HTML 1Page - STMicroelectronics 74V1G70C Datasheet HTML 2Page - STMicroelectronics 74V1G70C Datasheet HTML 3Page - STMicroelectronics 74V1G70C Datasheet HTML 4Page - STMicroelectronics 74V1G70C Datasheet HTML 5Page - STMicroelectronics 74V1G70C Datasheet HTML 6Page - STMicroelectronics 74V1G70C Datasheet HTML 7Page - STMicroelectronics

74V1G70C Product details

DESCRIPTION
The 74V1G70 is an advanced high-speed CMOS SINGLE BUFFER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
   
■ HIGH SPEED: tPD = 3.6ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 1µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY:
    VNIH = VNIL = 28% VCC (MIN.)
■ POWER DOWN PROTECTION ON INPUT
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 8mA (MIN) at VCC = 4.5V
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 2V to 5.5V
■ IMPROVED LATCH-UP IMMUNITY
   




Similar Part No. - 74V1G70C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G70CTR STMICROELECTRONICS-74V1G70CTR Datasheet
108Kb / 9P
   SINGLE BUFFER
More results


Similar Description - 74V1G70C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SG34 ONSEMI-NL17SG34_14 Datasheet
143Kb / 10P
   Single Buffer
March, 2014 ??Rev. 4
logo
Nexperia B.V. All right...
74LVC1G34-Q100 NEXPERIA-74LVC1G34-Q100 Datasheet
780Kb / 13P
   Single buffer
logo
ON Semiconductor
NL17SV16 ONSEMI-NL17SV16_V01 Datasheet
337Kb / 14P
   Single Buffer
February, 2021 - Rev. 7
logo
STMicroelectronics
74V1G70 STMICROELECTRONICS-74V1G70_04 Datasheet
108Kb / 9P
   SINGLE BUFFER
logo
ON Semiconductor
NL17SG34 ONSEMI-NL17SG34 Datasheet
107Kb / 6P
   Single Buffer
August, 2012 ??Rev. 1
logo
STMicroelectronics
74V1T70 STMICROELECTRONICS-74V1T70 Datasheet
47Kb / 7P
   SINGLE BUFFER
logo
NXP Semiconductors
74LVC1G34 NXP-74LVC1G34 Datasheet
82Kb / 15P
   Single buffer
Rev. 02-21 May 2007
logo
Nexperia B.V. All right...
74LVC1G16 NEXPERIA-74LVC1G16 Datasheet
753Kb / 14P
   Single buffer
74LVC1G16-Q100 NEXPERIA-74LVC1G16-Q100 Datasheet
198Kb / 11P
   Single buffer
Rev. 2 - 17 January 2022
logo
ON Semiconductor
NL17SH34 ONSEMI-NL17SH34 Datasheet
96Kb / 5P
   Single Buffer
September, 2012 ??Rev. 0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com