Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V1T32 Datasheet (PDF) - STMicroelectronics

74V1T32 Datasheet PDF - STMicroelectronics
Part # 74V1T32
Download  74V1T32 Download

File Size   48.3 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE 2-INPUT OR GATE

74V1T32 Datasheet (PDF)

Go To PDF Page Download Datasheet
74V1T32 Datasheet PDF - STMicroelectronics

Part # 74V1T32
Download  74V1T32 Click to download

File Size   48.3 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE 2-INPUT OR GATE

74V1T32 Datasheet (HTML) - STMicroelectronics

74V1T32 Datasheet HTML 1Page - STMicroelectronics 74V1T32 Datasheet HTML 2Page - STMicroelectronics 74V1T32 Datasheet HTML 3Page - STMicroelectronics 74V1T32 Datasheet HTML 4Page - STMicroelectronics 74V1T32 Datasheet HTML 5Page - STMicroelectronics 74V1T32 Datasheet HTML 6Page - STMicroelectronics 74V1T32 Datasheet HTML 7Page - STMicroelectronics

74V1T32 Product details

DESCRIPTION
The 74V1T32 is an advanced high-speed CMOS SINGLE 2-INPUT OR GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
   
■ HIGH SPEED: tPD = 4.5ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
    ICC = 1µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS:
    VIH = 2V (MIN), VIL = 0.8V (MAX)
■ POWER DOWN PROTECTION ON INPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE:
    |IOH| = IOL = 8mA (MIN) at VCC = 4.5V
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
    VCC(OPR) = 4.5V to 5.5V
■ IMPROVED LATCH-UP IMMUNITY
   




Similar Part No. - 74V1T32

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T32 STMICROELECTRONICS-74V1T32 Datasheet
108Kb / 9P
   SINGLE 2-INPUT OR GATE
74V1T32CTR STMICROELECTRONICS-74V1T32CTR Datasheet
108Kb / 9P
   SINGLE 2-INPUT OR GATE
74V1T32STR STMICROELECTRONICS-74V1T32STR Datasheet
108Kb / 9P
   SINGLE 2-INPUT OR GATE
74V1T32 STMICROELECTRONICS-74V1T32_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT OR GATE
More results


Similar Description - 74V1T32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
   Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
   SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
   SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
   Single 2-Input OR Gate
November, 2015 ??Rev. 0
MC74HC1G32 ONSEMI-MC74HC1G32_16 Datasheet
81Kb / 6P
   Single 2-Input OR Gate
February, 2016 ??Rev. 14
logo
Rohm
BU4S71G2 ROHM-BU4S71G2_15 Datasheet
1Mb / 16P
   Single 2-Input OR Gate
logo
Nexperia B.V. All right...
74LVC1G32-Q100 NEXPERIA-74LVC1G32-Q100 Datasheet
217Kb / 12P
   Single 2-input OR gate
Rev. 6 - 18 January 2022
logo
ON Semiconductor
MC74VHC1G32 ONSEMI-MC74VHC1G32_13 Datasheet
122Kb / 6P
   Single 2-Input OR Gate
February, 2013 ??Rev. 19
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com