Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V1T86 Datasheet (PDF) - STMicroelectronics

74V1T86 Datasheet PDF - STMicroelectronics
Part # 74V1T86
Download  74V1T86 Download

File Size   49.44 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE EXCLUSIVE OR GATE

74V1T86 Datasheet (PDF)

Go To PDF Page Download Datasheet
74V1T86 Datasheet PDF - STMicroelectronics

Part # 74V1T86
Download  74V1T86 Click to download

File Size   49.44 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SINGLE EXCLUSIVE OR GATE

74V1T86 Datasheet (HTML) - STMicroelectronics

74V1T86 Datasheet HTML 1Page - STMicroelectronics 74V1T86 Datasheet HTML 2Page - STMicroelectronics 74V1T86 Datasheet HTML 3Page - STMicroelectronics 74V1T86 Datasheet HTML 4Page - STMicroelectronics 74V1T86 Datasheet HTML 5Page - STMicroelectronics 74V1T86 Datasheet HTML 6Page - STMicroelectronics 74V1T86 Datasheet HTML 7Page - STMicroelectronics

74V1T86 Product details

DESCRIPTION
The 74V1T86 is an advanced high-speed CMOS SINGLE EXCLUSIVE OR GATE fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.
Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V.

■ HIGH SPEED: tPD = 4.8ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC = 1µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS: VIH = 2V (MIN), VIL = 0.8V (MAX)
■ POWER DOWN PROTECTION ON INPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8mA (MIN) at VCC = 4.5V
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE: VCC(OPR) = 4.5V to 5.5V
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74V1T86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T86 STMICROELECTRONICS-74V1T86 Datasheet
111Kb / 9P
   SINGLE EXCLUSIVE OR GATE
74V1T86CTR STMICROELECTRONICS-74V1T86CTR Datasheet
111Kb / 9P
   SINGLE EXCLUSIVE OR GATE
74V1T86STR STMICROELECTRONICS-74V1T86STR Datasheet
111Kb / 9P
   SINGLE EXCLUSIVE OR GATE
74V1T86 STMICROELECTRONICS-74V1T86_04 Datasheet
111Kb / 9P
   SINGLE EXCLUSIVE OR GATE
More results


Similar Description - 74V1T86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G86 STMICROELECTRONICS-74V1G86 Datasheet
50Kb / 7P
   SINGLE EXCLUSIVE OR GATE
74V1G86 STMICROELECTRONICS-74V1G86_04 Datasheet
112Kb / 9P
   SINGLE EXCLUSIVE OR GATE
74LX1G86 STMICROELECTRONICS-74LX1G86 Datasheet
119Kb / 10P
   SINGLE EXCLUSIVE OR GATE
74V1T86 STMICROELECTRONICS-74V1T86_04 Datasheet
111Kb / 9P
   SINGLE EXCLUSIVE OR GATE
logo
Toshiba Semiconductor
TC7SET86F TOSHIBA-TC7SET86F Datasheet
171Kb / 5P
   EXCLUSIVE OR GATE
TC7S86F TOSHIBA-TC7S86F Datasheet
201Kb / 5P
   EXCLUSIVE OR GATE
TC7SG86FU TOSHIBA-TC7SG86FU Datasheet
152Kb / 6P
   EXCLUSIVE OR Gate
TC7SH86FE TOSHIBA-TC7SH86FE Datasheet
149Kb / 5P
   Exclusive OR Gate
TC7SG86AFS TOSHIBA-TC7SG86AFS Datasheet
176Kb / 6P
   EXCLUSIVE OR GATE
TC7SG86FE TOSHIBA-TC7SG86FE Datasheet
147Kb / 6P
   EXCLUSIVE OR Gate
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com