Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1271 Datasheet (PDF) - NTE Electronics

NTE1271 Datasheet PDF - NTE Electronics
Part # NTE1271
Download  NTE1271 Download

File Size   60.21 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Control Voltage Generator

NTE1271 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1271 Datasheet PDF - NTE Electronics

Part # NTE1271
Download  NTE1271 Click to download

File Size   60.21 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Control Voltage Generator

NTE1271 Datasheet (HTML) - NTE Electronics

NTE1271 Datasheet HTML 1Page - NTE Electronics NTE1271 Datasheet HTML 2Page - NTE Electronics NTE1271 Datasheet HTML 3Page - NTE Electronics

NTE1271 Product details

Description:

The NTE1271 control voltage generator with three outputs is fabricated with bipolar linear technology.

Two alternately exchangeble outputs are provided for two stabilized output levels controlled by an external signal. The NTE1271 is packaged in a 8−Lead SIP package with a heat radiation fin to allow for large power dissipation.



Features:

• No Need for External Components

• Three Outputs @ 8.2V typ

• Noise Protection Circuitry

• Overload Current Protection and Thermal Protection Circuitry

• Good Mountability

• High Output Current: 200mA typical for VO2 output

                               100mA typical for VO0, VO1 outputs



 




Similar Part No. - NTE1271

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE127 NTE-NTE127 Datasheet
21Kb / 2P
   Germanium PNP Transistor Horizontal Output Amplifier
NTE1273 NTE-NTE1273 Datasheet
76Kb / 2P
   Integrated Circuit Dual, Audio Power Amp, 5W/Ch
NTE1278 NTE-NTE1278 Datasheet
73Kb / 2P
   Integrated Circuit Audio Power Amp, 5.8W
More results


Similar Description - NTE1271

ManufacturerPart #DatasheetDescription
logo
NANJING AH ELECTRONICS ...
AH3503 AHNJ-AH3503 Datasheet
211Kb / 2P
   Integrated circuit includes a voltage regulator, Hall-voltage generator
logo
NTE Electronics
NTE7089 NTE-NTE7089 Datasheet
18Kb / 2P
   Integrated Circuit Motor Control Circuit
NTE864 NTE-NTE864 Datasheet
26Kb / 3P
   Integrated Circuit Precision Waveform Generator
logo
Mitel Networks Corporat...
TDA2086 MITEL-TDA2086 Datasheet
64Kb / 6P
   PHASE CONTROL INTEGRATED CIRCUIT
MAY 1992
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711_07 Datasheet
1Mb / 21P
   Ballast Control Integrated Circuit
logo
Freescale Semiconductor...
33800 FREESCALE-33800 Datasheet
1Mb / 39P
   Engine Control Integrated Circuit
logo
ON Semiconductor
FAN7711 ONSEMI-FAN7711 Datasheet
1Mb / 23P
   Ballast Control Integrated Circuit
May 2007 Rev. 1.0.3
logo
Changyuntong Semiconduc...
CYT8011TG CYT-CYT8011TG Datasheet
632Kb / 7P
   LIne-Controlled Integrated Circuit LED Control Integrated Circuit
CYT8012TG CYT-CYT8012TG Datasheet
570Kb / 7P
   LIne-Controlled Integrated Circuit LED Control Integrated Circuit
logo
NTE Electronics
NTE7044 NTE-NTE7044 Datasheet
37Kb / 2P
   Integrated Circuit Switching Regulator Control Circuit
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com