Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPLLG81-P Datasheet (PDF) - OSRAM GmbH

SPLLG81-P Datasheet PDF - OSRAM GmbH
Part # SPLLG81-P
Download  SPLLG81-P Download

File Size   240.54 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Passiv gekuhlter SIRILAS Diodenlaser 15 W cw bei 808nm Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 808nm

SPLLG81-P Datasheet (PDF)

Go To PDF Page Download Datasheet
SPLLG81-P Datasheet PDF - OSRAM GmbH

Part # SPLLG81-P
Download  SPLLG81-P Click to download

File Size   240.54 Kbytes
Page   6 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description Passiv gekuhlter SIRILAS Diodenlaser 15 W cw bei 808nm Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 808nm

SPLLG81-P Datasheet (HTML) - OSRAM GmbH

SPLLG81-P Datasheet HTML 1Page - OSRAM GmbH SPLLG81-P Datasheet HTML 2Page - OSRAM GmbH SPLLG81-P Datasheet HTML 3Page - OSRAM GmbH SPLLG81-P Datasheet HTML 4Page - OSRAM GmbH SPLLG81-P Datasheet HTML 5Page - OSRAM GmbH SPLLG81-P Datasheet HTML 6Page - OSRAM GmbH

SPLLG81-P Product details

Features
• Efficient radiation source for cw and pulsed
   operation
• Reliable InGa(Al)As strained quantum-well
   material
• Mounting of laser bar on expansion matched
   submount
• Compact package protecting the laser bar
• Beam dimensions at optical port (window) 7,0
   mm x 0,3 mm
• Reduced fast axis divergence by use of internal
   lens

Applications
• Pumping solid state lasers (rod, fiber and disk
   lasers)
• Direct material processing
• Medical
• Heating, Illumination
• Printing




Similar Part No. - SPLLG81-P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLLG81 OSRAM-SPLLG81 Datasheet
266Kb / 8P
   SIRILAS짰 Laserdiodenarray 30 W cw bei 808nm SIRILAS짰 Laser Diode Array 30 W cw at 808nm Lead (Pb) Free Product - RoHS Compliant
More results


Similar Description - SPLLG81-P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLLG91-P OSRAM-SPLLG91-P Datasheet
181Kb / 6P
   Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 915nm
SPLLG94-P OSRAM-SPLLG94-P Datasheet
161Kb / 6P
   Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 940nm
SPLLG98-P OSRAM-SPLLG98-P Datasheet
162Kb / 6P
   Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 975nm
SPLLG81 OSRAM-SPLLG81 Datasheet
266Kb / 8P
   SIRILAS짰 Laserdiodenarray 30 W cw bei 808nm SIRILAS짰 Laser Diode Array 30 W cw at 808nm Lead (Pb) Free Product - RoHS Compliant
SPLE01N94G2 OSRAM-SPLE01N94G2 Datasheet
222Kb / 7P
   Aktiv gekuhlter Diodenlaser-Barren, 60 W cw bei 940nm
SPLE03N91G2 OSRAM-SPLE03N91G2 Datasheet
231Kb / 7P
   Aktiv gekuhlter Diodenlaser-Barren, 180 W cw bei 915 nm
SPLE01N98G2 OSRAM-SPLE01N98G2 Datasheet
221Kb / 7P
   Aktiv gekulter Diodenlaser-Barren, 60 W cw bei 975 nm
SPLE01N81G2 OSRAM-SPLE01N81G2 Datasheet
221Kb / 7P
   Aktiv gekulter Diodenlaser-Barren, 60 W cw bei 808 nm
SPLE01Y81G2 OSRAM-SPLE01Y81G2 Datasheet
221Kb / 7P
   Aktiv gekulter Diodenlaser-Barren, 60 W cw bei 808 nm
SPLE03N81G2 OSRAM-SPLE03N81G2 Datasheet
231Kb / 7P
   Aktiv gekulter Diodenlaser-Barren, 180 W cw bei 808 nm
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com