Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT174A Datasheet (PDF) - STMicroelectronics

74VHCT174A Datasheet PDF - STMicroelectronics
Part # 74VHCT174A
Download  74VHCT174A Download

File Size   70.62 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX D-TYPE FLIP FLOP WITH CLEAR

74VHCT174A Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT174A Datasheet PDF - STMicroelectronics

Part # 74VHCT174A
Download  74VHCT174A Click to download

File Size   70.62 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX D-TYPE FLIP FLOP WITH CLEAR

74VHCT174A Datasheet (HTML) - STMicroelectronics

74VHCT174A Datasheet HTML 1Page - STMicroelectronics 74VHCT174A Datasheet HTML 2Page - STMicroelectronics 74VHCT174A Datasheet HTML 3Page - STMicroelectronics 74VHCT174A Datasheet HTML 4Page - STMicroelectronics 74VHCT174A Datasheet HTML 5Page - STMicroelectronics 74VHCT174A Datasheet HTML 6Page - STMicroelectronics 74VHCT174A Datasheet HTML 7Page - STMicroelectronics 74VHCT174A Datasheet HTML 8Page - STMicroelectronics 74VHCT174A Datasheet HTML 9Page - STMicroelectronics 74VHCT174A Datasheet HTML 10Page - STMicroelectronics

74VHCT174A Product details

DESCRIPTION
The 74VHCT174A is an advanced high-speed CMOS HEX D-TYPE FLIP FLOP WITH CLEAR fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology.

■ HIGH SPEED: fMAX =150 MHz (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION: ICC =4 µA (MAX.) at TA = 25 oC
■ COMPATIBLEWITH TTL OUTPUTS: VIH = 2V (MIN), VIL = 0.8V(MAX)
■ POWERDOWN PROTECTIONON INPUTS & OUTPUTS
■ SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN)
■ BALANCEDPROPAGATIONDELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGERANGE: VCC (OPR)= 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 174
■ IMPROVED LATCH-UP IMMUNITY
■ LOW NOISE: VOLP = 0.8V(Max.)




Similar Part No. - 74VHCT174A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT125 STMICROELECTRONICS-74VHCT125 Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
August 1999
logo
Nexperia B.V. All right...
74VHCT125 NEXPERIA-74VHCT125 Datasheet
939Kb / 15P
   Quad buffer/line driver; 3-state
logo
STMicroelectronics
74VHCT125A STMICROELECTRONICS-74VHCT125A Datasheet
60Kb / 8P
   QUAD BUS BUFFERS 3-STATE
August 1999
74VHCT125A STMICROELECTRONICS-74VHCT125A Datasheet
225Kb / 12P
   QUAD BUS BUFFERS (3-STATE)
logo
Toshiba Semiconductor
74VHCT125AFT TOSHIBA-74VHCT125AFT Datasheet
177Kb / 7P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
More results


Similar Description - 74VHCT174A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
263Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
   Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
   Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174_04 Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com