Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHCT244AM Datasheet (PDF) - STMicroelectronics

74VHCT244AM Datasheet PDF - STMicroelectronics
Part # 74VHCT244AM
Download  74VHCT244AM Download

File Size   63.43 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED

74VHCT244AM Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHCT244AM Datasheet PDF - STMicroelectronics

Part # 74VHCT244AM
Download  74VHCT244AM Click to download

File Size   63.43 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED

74VHCT244AM Datasheet (HTML) - STMicroelectronics

74VHCT244AM Datasheet HTML 1Page - STMicroelectronics 74VHCT244AM Datasheet HTML 2Page - STMicroelectronics 74VHCT244AM Datasheet HTML 3Page - STMicroelectronics 74VHCT244AM Datasheet HTML 4Page - STMicroelectronics 74VHCT244AM Datasheet HTML 5Page - STMicroelectronics 74VHCT244AM Datasheet HTML 6Page - STMicroelectronics 74VHCT244AM Datasheet HTML 7Page - STMicroelectronics 74VHCT244AM Datasheet HTML 8Page - STMicroelectronics

74VHCT244AM Product details

DESCRIPTION

The 74VHCT244A is an advanced high-speed CMOS OCTAL BUS BUFFER (3-STATE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. G enable input governs four BUS BUFFERs.

This device is designed to be used with 3 state memory address drivers, etc.

Power down protection is provided on all inputs and outputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V since all inputs are equipped with TTL threshold.

All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.



■ HIGH SPEED: tPD = 5.4 ns (TYP.) at VCC = 5V

■ LOW POWER DISSIPATION:

   ICC = 4 µA (MAX.) at TA=25°C

■ COMPATIBLE WITH TTL OUTPUTS:

   VIH = 2V (MIN.), VIL = 0.8V (MAX)

■ POWER DOWN PROTECTION ON INPUTS & OUTPUTS

■ SYMMETRICAL OUTPUT IMPEDANCE:

   |IOH| = IOL = 8 mA (MIN)

■ BALANCED PROPAGATION DELAYS:

   tPLH = tPHL

■ OPERATING VOLTAGE RANGE:

   VCC(OPR) = 4.5V to 5.5V

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 244

■ IMPROVED LATCH-UP IMMUNITY

■ LOW NOISE: VOLP = 0.9V (MAX.)



 




Similar Part No. - 74VHCT244AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT244AM FAIRCHILD-74VHCT244AM Datasheet
98Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74VHCT244AM FAIRCHILD-74VHCT244AM Datasheet
231Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74VHCT244AM ONSEMI-74VHCT244AM Datasheet
237Kb / 11P
   Octal Buffer/Line Driver
May 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHCT244AMTC FAIRCHILD-74VHCT244AMTC Datasheet
98Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74VHCT244AMTC FAIRCHILD-74VHCT244AMTC Datasheet
231Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Similar Description - 74VHCT244AM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC540F TOSHIBA-TC74VHC540F Datasheet
254Kb / 7P
   OCTAL BUS BUFFER INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74VHC240F TOSHIBA-TC74VHC240F Datasheet
254Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHCT540AF TOSHIBA-TC74VHCT540AF Datasheet
256Kb / 6P
   OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
TC74LVX240F TOSHIBA-TC74LVX240F Datasheet
281Kb / 8P
   OCTAL BUS BUFFER. INVERTED/NON-INVERTED 3-STATE OUTPUTS
logo
STMicroelectronics
M74HCT244B1R STMICROELECTRONICS-M74HCT244B1R Datasheet
199Kb / 9P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74AC541 STMICROELECTRONICS-74AC541 Datasheet
84Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
M74HC244 STMICROELECTRONICS-M74HC244 Datasheet
198Kb / 10P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
74VHCT541A STMICROELECTRONICS-74VHCT541A Datasheet
63Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
74AC244 STMICROELECTRONICS-74AC244 Datasheet
79Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
April 1997
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com