Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
1N6271A
(19)
1N6271C
(8)
1N6271L
(1)
1N6271C - POWER 1500Watts VOLTAGE 6.8 to 440 Volts - Daesan Electronics Corp.
Click Here View
1N6271C
Datasheet
Part No.
1N6271C
Description
POWER 1500Watts VOLTAGE 6.8 to 440 Volts
Download
1N6271C
Click here
to View
File Size
1095.73 Kbytes / 6 Pages
Maker
DAESAN [Daesan Electronics Corp.]
Homepage
http://www.diodelink.com
Related Electronics Part Number
Part Number
Components Description
Manufacturer
ST1.5KPS6.8
1
500
WATTS
PEAK
PULSE
POWER
6.8
-
440
VOLTS
UNI-DIRECTIONAL
AND
BI-DIRECTIONAL
TRANSIENT
VOLTAGE
SUPPRESSOR
Solid States Devices, Inc
MKP1V120_06
Sidac
High
Voltage
Bidirectional
Triggers
0.9
AMPERES
RMS
120
−
240
VOLTS
ON Semiconductor
MBR20200FCT
20
Amp
High
Voltage
Power
Schottky
Barrier
Rectifier
200
Volts
Micro Commercial Components
RJK6014DPP
Silicon
N
Channel
MOS
FET
High
Speed
Power
Switching
Renesas Technology Corp
TV15C5V0-171
Working
Peak
Reverse
Voltage
:
5.0
-
170
Volts
Power
Dissipation
:
1500
Watts
RoHS
Device
Comchip Technology
BZX85C
Voltage
Range
2.4
to
212
Volts
1.3Watts
Power
Dissipation
Taiwan Semiconductor Company, Ltd
P4SMA6.8A
Surface
Mount
Transient
Voltage
Suppressors
Peak
Pulse
Power
400W
Breakdown
Voltage
6.8
to
550V
GOOD-ARK Electronics
BZX84C2V4
Voltage
Range
2.4
to
51
Volts
350m
Watts
Power
Dissipation
Taiwan Semiconductor Company, Ltd
SSR1510S.5
15
AMP
/100
Volts
LOW
VOLTAGE
DROP
SCHOTTKY
POWER
DIODE
Solid States Devices, Inc
SSR3045CTG
15
AMP
per
leg
/
45
Volts
LOW
VOLTAGE
DROP
SCHOTTKY
POWER
DIODE
COMMON
CATHODE
CENTERTAP
Solid States Devices, Inc
Link URL :
Related keyword
1N6271C Datasheet
1N6271C Cross Reference
1N6271C Schematic
1N6271C Distributor
1N6271C Datenblatt
1N6271C RoHS
1N6271C Equivalent
1N6271C Application Notes
1N6271C Data Sheet
1N6271C components
1N6271C Fiche Technique
1N6271C Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer