Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70 Datasheet (PDF) - DAESAN ELECTRONIC CORP.

BAS70 Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # BAS70
Download  BAS70 Download

File Size   259.55 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description Surface Mount Schottky Barrier Diode

BAS70 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS70 Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # BAS70
Download  BAS70 Click to download

File Size   259.55 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description Surface Mount Schottky Barrier Diode

BAS70 Datasheet (HTML) - DAESAN ELECTRONIC CORP.

BAS70 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BAS70 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.

BAS70 Product details

Features

• Low Turn-on Voltage

• Low Forward Voltage-0.75V(Max) @ IF= 10 mA

• Very Low Capacitance - Less Than 2.0pF @ 0V

• For high speed switching application, circuit protection



 




Similar Part No. - BAS70

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70 PHILIPS-BAS70 Datasheet
61Kb / 8P
   Schottky barrier double diodes
1999 Jun 01
logo
FutureWafer Tech Co.,Lt...
BAS70 FUTUREWAFER-BAS70 Datasheet
2Mb / 18P
   Surface Mount Switching Diode
27-DEC-2021 V 2.0
logo
Diotec Semiconductor
BAS70 DIOTEC-BAS70 Datasheet
149Kb / 2P
   Surface Mount Schottky Barrier Single/Dual Diodes
logo
Weitron Technology
BAS70 WEITRON-BAS70 Datasheet
249Kb / 2P
   Surface Mount Schottky Barrier Diodes
logo
Nanjing International G...
BAS70 DGNJDZ-BAS70 Datasheet
93Kb / 2P
   Low turn-on voltage
More results


Similar Description - BAS70

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com