Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE2077 Datasheet (PDF) - NTE Electronics

NTE2077 Datasheet PDF - NTE Electronics
Part # NTE2077
Download  NTE2077 Download

File Size   78.61 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 6−Stage Darlington Transistor Array w/Clamp Diode

NTE2077 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE2077 Datasheet PDF - NTE Electronics

Part # NTE2077
Download  NTE2077 Click to download

File Size   78.61 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit 6−Stage Darlington Transistor Array w/Clamp Diode

NTE2077 Datasheet (HTML) - NTE Electronics

NTE2077 Datasheet HTML 1Page - NTE Electronics NTE2077 Datasheet HTML 2Page - NTE Electronics

NTE2077 Product details

Description:
The NTE2077is a six−circuit Darlington transistor array with clamping diodes. The circuits are made of NPN transistors. Both the semiconductor integrated circuits perform high−current driving with extremely low input−current supply.

Features:
• High breakdown voltage (BVCEO ≥ 40V)
• High−current driving (IC(max) = 150mA)
• With clamping diodes
• Driving available with PMOS IC output of 8V to 18V
• Wide input voltage range (VI = −40V to +40V)
• Wide operating temperature range (TA = −20° to +75°C)




Similar Part No. - NTE2077

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2072 NTE-NTE2072 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2073 NTE-NTE2073 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2074 NTE-NTE2074 Datasheet
76Kb / 2P
   Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode
NTE2075 NTE-NTE2075 Datasheet
21Kb / 2P
   Integrated Circuit 5-Stage Transistor Array w/Strobe
NTE2076 NTE-NTE2076 Datasheet
18Kb / 2P
   Integrated Circuit 7-Segment Darlington Transistor Array w/Clamp Diode
More results


Similar Description - NTE2077

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2074 NTE-NTE2074 Datasheet
76Kb / 2P
   Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode
NTE2082 NTE-NTE2082 Datasheet
76Kb / 2P
   Integrated Circuit 6−Stage Darlington Transistor Array
NTE2084 NTE-NTE2084 Datasheet
75Kb / 2P
   Integrated Circuit 5−Stage Darlington Transistor Array
NTE2076 NTE-NTE2076 Datasheet
18Kb / 2P
   Integrated Circuit 7-Segment Darlington Transistor Array w/Clamp Diode
NTE2078 NTE-NTE2078 Datasheet
19Kb / 2P
   Integrated Circuit 5-Stage Darlington Transistor Array
NTE2079 NTE-NTE2079 Datasheet
20Kb / 2P
   Integrated Circuit 7-Stage Darlington Transistor Array
NTE2072 NTE-NTE2072 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2073 NTE-NTE2073 Datasheet
22Kb / 3P
   Integrated Circuit Transistor Array w/Clamp Diode and Strobe
NTE2085 NTE-NTE2085 Datasheet
22Kb / 3P
   Integrated Circuit 4-Stage Darlington Array
NTE2087 NTE-NTE2087 Datasheet
20Kb / 2P
   Integrated Circuit 4-Stage Darlington Array w/Pre-Drive Stage for TTL
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com