Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS204 Datasheet (PDF) - DAESAN ELECTRONIC CORP.

RS204 Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # RS204
Download  RS204 Download

File Size   255.17 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts

RS204 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS204 Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # RS204
Download  RS204 Click to download

File Size   255.17 Kbytes
Page   2 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts

RS204 Datasheet (HTML) - DAESAN ELECTRONIC CORP.

RS204 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RS204 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.

RS204 Product details

Features

• Glass Passivated Die Construction

• High Case Dielectric Strength of 1500VRMS

• Low Reverse Leakage Current

• Surge Overload Rating to 65A Peak

• Ideal for Printed Circuit Board Applications

• Plastic Material - UL Flammability Classification 94V-0



 




Similar Part No. - RS204

ManufacturerPart #DatasheetDescription
logo
Bytes
RS204 BYTES-RS204 Datasheet
144Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
RS204 SECOS-RS204 Datasheet
290Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
logo
Microdiode Electronics ...
RS204 CHENDA-RS204 Datasheet
521Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Dc Components
RS204 DCCOM-RS204 Datasheet
381Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
RS204 SEMTECH_ELEC-RS204 Datasheet
179Kb / 1P
   SINGLE-PHASE SILICON BRIDGES
More results


Similar Description - RS204

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
HER201G DAESAN-HER201G Datasheet
284Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
RL201 DAESAN-RL201 Datasheet
308Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
UF201 DAESAN-UF201 Datasheet
283Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
HER201 DAESAN-HER201 Datasheet
228Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KB201 DAESAN-KB201 Datasheet
236Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBL201 DAESAN-KBL201 Datasheet
176Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP005 DAESAN-KBP005 Datasheet
234Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
KBP201 DAESAN-KBP201 Datasheet
176Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
FR201G DAESAN-FR201G Datasheet
274Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
FR201 DAESAN-FR201 Datasheet
216Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com