![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
ZMM5248 - 0.5W SILICON PLANAR ZENER DIODES - Daesan Electronics Corp. |
|
Click Here View ZMM5248 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 1N5221A | 0.5W SILICON PLANAR ZENER DIODES | Daesan Electronics Corp. |
| 2BZX84C3V0_07 | Surface mount Silicon Planar Dual Zener Diodes | Diotec Semiconductor |
| MM3Z2V4_07 | Surface mount Silicon Planar Zener Diodes | Diotec Semiconductor |
| ZMM3B9 | Surface mount Silicon Planar Zener Diodes | Diotec Semiconductor |
| 1N4728A | 1W SILICON PLANAR ZENER DIODES | Daesan Electronics Corp. |
| MMSZ5225B_07 | Surface mount Silicon Planar Zener Diodes | Diotec Semiconductor |
| ZMM1_07 | Surface mount Silicon Planar Zener Diodes | Diotec Semiconductor |
| ZMC2.4 | Surface mount Silicon Planar Zener Diodes | Diotec Semiconductor |
| BZT52C3V0 | Surface mount Silicon Planar Zener Diodes Silizium-Planar-Zener-Dioden fur die Oberflahenmontage | Diotec Semiconductor |
| BZX84C2V4 | Surface mount Silicon Planar Zener Diodes | Diotec Semiconductor |
Link URL |
|
|
Related keyword |
| ZMM5248 Datasheet | ZMM5248 Cross Reference | ZMM5248 Schematic | ZMM5248 Distributor | ZMM5248 Datenblatt | ZMM5248 RoHS |
| ZMM5248 Equivalent | ZMM5248 Application Notes | ZMM5248 Data Sheet | ZMM5248 component | ZMM5248 Fiche Technique | ZMM5248 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |