Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP5N50 Datasheet (PDF) - Fairchild Semiconductor

FDP5N50 Datasheet PDF - Fairchild Semiconductor
Part # FDP5N50
Download  FDP5N50 Download

File Size   265.92 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel MOSFET 500V, 5A, 1.4廓

FDP5N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDP5N50 Datasheet PDF - Fairchild Semiconductor

Part # FDP5N50
Download  FDP5N50 Click to download

File Size   265.92 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel MOSFET 500V, 5A, 1.4廓

FDP5N50 Datasheet (HTML) - Fairchild Semiconductor

FDP5N50 Datasheet HTML 1Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 2Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 3Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 4Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 5Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 6Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 7Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 8Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 9Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 10Page - Fairchild Semiconductor

FDP5N50 Product details

Description

These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pluse in the avalanche and commutation mode. These devices are well suited for high efficient switched mode powersuppliesand active power factor correction.



Features

•RDS(on) = 1.15Ω( Typ.)@ VGS= 10V, ID= 2.5A

• Low gate charge ( Typ. 11nC)

• Low Crss ( Typ. 5pF)

• Fast switching

• 100% avalanche tested

• Improved dv/dt capability

• RoHS compliant




Similar Part No. - FDP5N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP5N50 FAIRCHILD-FDP5N50 Datasheet
270Kb / 10P
   N-Channel MOSFET
FDP5N50F FAIRCHILD-FDP5N50F Datasheet
807Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
FDP5N50F FAIRCHILD-FDP5N50F_12 Datasheet
466Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
FDP5N50NZ FAIRCHILD-FDP5N50NZ Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDP5N50NZ ISC-FDP5N50NZ Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FDP5N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5N50 FAIRCHILD-FDD5N50 Datasheet
503Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.4廓
logo
Taiwan Semiconductor Co...
TSM5ND50CI TSC-TSM5ND50CI Datasheet
326Kb / 6P
   N-Channel Power MOSFET 500V, 5A, 1.5廓
logo
First Silicon Co., Ltd
FTK830P FS-FTK830P Datasheet
262Kb / 8P
   5A, 500V, 1.5 廓, N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT5N50 AOSMD-AOT5N50 Datasheet
147Kb / 6P
   500V, 5A N-Channel MOSFET
logo
List of Unclassifed Man...
FQP5N50 ETC-FQP5N50 Datasheet
222Kb / 6P
   500V, 5A N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD5N50 AOSMD-AOD5N50 Datasheet
289Kb / 6P
   500V,5A N-Channel MOSFET
logo
Unisonic Technologies
5N50K UTC-5N50K Datasheet
215Kb / 6P
   5A, 500V N-CHANNEL POWER MOSFET
5N50_1110 UTC-5N50_1110 Datasheet
201Kb / 6P
   5A, 500V N-CHANNEL POWER MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com