Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB35000 Datasheet (PDF) - STMicroelectronics

CB35000 Datasheet PDF - STMicroelectronics
Part # CB35000
Download  CB35000 Download

File Size   166.38 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HCMOS STANDARD CELLS

CB35000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CB35000 Datasheet PDF - STMicroelectronics

Part # CB35000
Download  CB35000 Click to download

File Size   166.38 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HCMOS STANDARD CELLS

CB35000 Datasheet (HTML) - STMicroelectronics

Back Button CB35000 Datasheet HTML 1Page - STMicroelectronics CB35000 Datasheet HTML 2Page - STMicroelectronics CB35000 Datasheet HTML 3Page - STMicroelectronics CB35000 Datasheet HTML 4Page - STMicroelectronics CB35000 Datasheet HTML 5Page - STMicroelectronics CB35000 Datasheet HTML 6Page - STMicroelectronics CB35000 Datasheet HTML 7Page - STMicroelectronics CB35000 Datasheet HTML 8Page - STMicroelectronics CB35000 Datasheet HTML 9Page - STMicroelectronics CB35000 Datasheet HTML 10Page - STMicroelectronics Next Button 

CB35000 Product details

GENERAL DISCRIPTION

The CB35000 standard cell series uses a high performance, low voltage, triple level metal, HCMOS5S 0.5 micron process to achieve subnanosecond internal speeds while offering very low power dissipation and high noise immunity.

With an average gate density of 5500 gates/mm2, the CB35000 family allows the design of highly complex devices. The potential available gate count ranges above 1.5 Million equivalent gates. Devices can operate over a Vdd voltage range of 2.7 to 3.6 volts.

The I/O count for this array family ranges to over 600 signals and 800 pins dependent upon the package technology utilized. A Sea of I/O approach has been followed to give a solution to today’s problems of drive levels and specialized interface standards. The technology does not utilize a set bond pad spacing but allows for pad spacings from 80 microns upwards. The I/O is fully compatible with that of the ISB35000 Structured Array family.



FEATURES

■ 0.5 micron triple layer metal HCMOS5S process featuring retrograde well technology, low resistance salicided active areas, polysilicide gates and thin metal oxide.

■ 3.3 V optimized transistor with 5 V I/O inter face capability

■ 2 - input NAND delay of 210 ps (typ) with fanout = 2.

■ Broad I/O functionality including LVCMOS, LVTTL, GTL, PECL, and LVDS.

■ High drive I/O; capability of sinking up to 48 mA with slew rate control, current spike suppression and impedance matching.

■ Generators to support SPRAM, DPRAM, ROM and MULT with BIST options.

■ Extensive embedded function library includ ing DSP and ST micros, popular third party micros and Synopsys synthetic libraries.

■ Fully independent power and ground config urations for inputs, core and outputs.

■ I/O ring capability up to 800 pads.

■ Output buffers capable of driving ISA, EISA, PCI, MCA, and SCSI interface levels.

■ Active pull up and pull down devices.

■ Buskeeper I/O functions.

■ Oscillators for wide frequency spectrum.

■ Broad range of 300 SSI cells.

■ Low Power / Low Drive library subset.

■ Design For Test includes IEEE 1149.1 JTAG Boundary Scan architecture built in.

■ Cadence and Mentor based design system with interfaces from multiple workstations.

■ Broad ceramic and plastic package range.

■ Latchup trigger current > +/- 500 mA. ESD protection > +/- 4000 volts.



 




Similar Part No. - CB35000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
CTS Corporation
CB3 CTS-CB3 Datasheet
1Mb / 4P
   Standard 7.0x5.0mm Surface Mount Footprint
CB3 CTS-CB3 Datasheet
216Kb / 3P
   Standard 7.0mm x 5.0mm 4-Pad Surface Mount Package
logo
Eaton All Rights Reserv...
CB3 EATON-CB3 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
logo
Stackpole Electronics, ...
CB3 SEI-CB3 Datasheet
329Kb / 4P
   Ceramic Housed with Axial Leads Power Resistor
4/13/2021
More results


Similar Description - CB35000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CB45000 STMICROELECTRONICS-CB45000 Datasheet
265Kb / 16P
   HCMOS6 STANDARD CELLS
logo
Eaton All Rights Reserv...
M0810-2R5105-R EATON-M0810-2R5105-R Datasheet
347Kb / 3P
   Cylindrical cells
HV0810-2R7105-R EATON-HV0810-2R7105-R Datasheet
458Kb / 5P
   Cylindrical cells
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA_14 Datasheet
164Kb / 16P
   Comprehensive Library of Standard Logic and I/O Cells
logo
Eaton All Rights Reserv...
B0510-2R5224-R EATON-B0510-2R5224-R Datasheet
364Kb / 3P
   Cylindrical cells
HB0820-2R5305-R EATON-HB0820-2R5305-R Datasheet
426Kb / 5P
   Cylindrical cells
logo
CSB Battery Co., Ltd.
GP121000 CSB-BATTERY-GP121000_16 Datasheet
719Kb / 2P
   Cells Per Unit 6 Cells Per Unit 6
logo
Eaton All Rights Reserv...
TV1020-3R0605-R EATON-TV1020-3R0605-R Datasheet
494Kb / 5P
   Cylindrical cells
KR-5R5V104-R EATON-KR-5R5V104-R Datasheet
643Kb / 5P
   Coin cells
KW-5R5C104-R EATON-KW-5R5C104-R Datasheet
440Kb / 4P
   Coin cells
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com