Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IW4020B Datasheet (PDF) - Estek Electronics Co. Ltd

IW4020B Datasheet PDF - Estek Electronics Co. Ltd
Part # IW4020B
Download  IW4020B Download

File Size   151.93 Kbytes
Page   6 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description ripple-carry binary counter

IW4020B Datasheet (PDF)

Go To PDF Page Download Datasheet
IW4020B Datasheet PDF - Estek Electronics Co. Ltd

Part # IW4020B
Download  IW4020B Click to download

File Size   151.93 Kbytes
Page   6 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description ripple-carry binary counter

IW4020B Datasheet (HTML) - Estek Electronics Co. Ltd

IW4020B Datasheet HTML 1Page - Estek Electronics Co. Ltd IW4020B Datasheet HTML 2Page - Estek Electronics Co. Ltd IW4020B Datasheet HTML 3Page - Estek Electronics Co. Ltd IW4020B Datasheet HTML 4Page - Estek Electronics Co. Ltd IW4020B Datasheet HTML 5Page - Estek Electronics Co. Ltd IW4020B Datasheet HTML 6Page - Estek Electronics Co. Ltd

IW4020B Product details

Description
The IW4020B is ripple-carry binary counter. All counter stages are master-slave flip-flops.The state of a counter advances one count on the negative transition of each input pulse,a high level on the R ESE T line resets the counter to its all zeros state.Schmitt trigger action on the input-pulse line permits unlimited rise and fall times

Features
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1uA at 18 V over full package temperature range ;100 nA at 18 V and 25 C 
• Noise margin (over full package temperature range):
   1.0 V min @ 5.0 V supply
   2.0 V min @ 10.0 V supply
   2.5 V min @ 15.0 V supply




Similar Part No. - IW4020B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IW4020B ETC1-IW4020B Datasheet
309Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
IK Semicon Co., Ltd
IW4020B IKSEMICON-IW4020B Datasheet
245Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4020BD ETC1-IW4020BD Datasheet
309Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
logo
IK Semicon Co., Ltd
IW4020BD IKSEMICON-IW4020BD Datasheet
245Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4020BN ETC1-IW4020BN Datasheet
309Kb / 6P
   14 Stage Ripple-Carry Binary Counter/Divider
More results


Similar Description - IW4020B

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MMC4024 MICRO-ELECTRONICS-MMC4024 Datasheet
111Kb / 4P
   RIPPLE CARRY BINARY COUNTER / DIVIDERS
logo
STMicroelectronics
HCC4020B STMICROELECTRONICS-HCC4020B Datasheet
267Kb / 11P
   RIPPLE-CARRY BINARY COUNTER/DIVIDERS
logo
Toshiba Semiconductor
TC74VHC4040F TOSHIBA-TC74VHC4040F_07 Datasheet
269Kb / 11P
   12-Stage Ripple Carry Binary Counter
TC74VHC4040F TOSHIBA-TC74VHC4040F Datasheet
248Kb / 7P
   12-STAGE RIPPLE-CARRY BINARY COUNTER
logo
National Semiconductor ...
CD4024BC NSC-CD4024BC Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
logo
Texas Instruments
CD4020B TI-CD4020B Datasheet
225Kb / 13P
[Old version datasheet]   CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
logo
Toshiba Semiconductor
TC74VHC4040F TOSHIBA-TC74VHC4040F_12 Datasheet
228Kb / 10P
   12-Stage Ripple Carry Binary Counter
TC7MH4040FK TOSHIBA-TC7MH4040FK_07 Datasheet
192Kb / 7P
   12-Stage Ripple-Carry Binary Counter
TC74VHC4020F TOSHIBA-TC74VHC4020F Datasheet
234Kb / 10P
   14-Stage Ripple Carry Binary Counter
logo
National Semiconductor ...
CD4024BM NSC-CD4024BM Datasheet
114Kb / 6P
   7-Stage Ripple Carry Binary Counter
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com