Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358 Datasheet (PDF) - Estek Electronics Co. Ltd

LM358 Datasheet PDF - Estek Electronics Co. Ltd
Part # LM358
Download  LM358 Download

File Size   251.7 Kbytes
Page   4 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description contains two independent high gain operational amplifiers with internal compensation

LM358 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM358 Datasheet PDF - Estek Electronics Co. Ltd

Part # LM358
Download  LM358 Click to download

File Size   251.7 Kbytes
Page   4 Pages
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd
Description contains two independent high gain operational amplifiers with internal compensation

LM358 Datasheet (HTML) - Estek Electronics Co. Ltd

LM358 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM358 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM358 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM358 Datasheet HTML 4Page - Estek Electronics Co. Ltd

LM358 Product details

DESCRIPTION

The LM358 consists of two independent, high gain, internally frequency compensated operational amplifiers which were designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage.

Application areas include transducer amplifiers, dc gain blocks and all the conventional op amp circuits.



FEATURES

■ Wide range of supply voltages

■ Low supply current drain independent of supply voltage

■ Low input biasing current

■ Low input offset voltage and offset current

■ Input common-mode voltage range includes ground

■ Differential input voltage range equal to the power supply voltage

■ DC voltage gain 100 V/ mV Typ

■ Internally frequency compensation



 




Similar Part No. - LM358

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM358 MOTOROLA-LM358 Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
SHENZHEN FUMAN ELECTRON...
LM358 FUMAN-LM358 Datasheet
182Kb / 3P
   Dual operational amplifier
logo
Intersil Corporation
LM358 INTERSIL-LM358 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
logo
STMicroelectronics
LM358 STMICROELECTRONICS-LM358 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
Rev 3 July 2005
logo
First Components Intern...
LM358 FCI-LM358 Datasheet
485Kb / 5P
   Low Power Dual Operational Amplifier Large DC voltage gain: 100dB
More results


Similar Description - LM358

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL103W TI-TL103W Datasheet
196Kb / 9P
[Old version datasheet]   DUAL OPERATIONAL aMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI-TL103W_08 Datasheet
302Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE
TL103W TI1-TL103W_16 Datasheet
744Kb / 16P
[Old version datasheet]   Dual Operational Amplifiers With Internal Reference
TL103W TI1-TL103W_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED DECEMBER 2023
TL103W TI1-TL103W_V01 Datasheet
927Kb / 18P
[Old version datasheet]   TL103Wx Dual Operational Amplifiers With Internal Reference
REVISED AUGUST 2023
logo
Advanced Monolithic Sys...
AMS2596 ADMOS-AMS2596 Datasheet
744Kb / 15P
   Internal compensation
logo
Maxim Integrated Produc...
MAX4376 MAXIM-MAX4376 Datasheet
192Kb / 9P
   Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain
Rev 3; 5/04
MAX4376 MAXIM-MAX4376_12 Datasheet
1Mb / 11P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
MAX4376 MAXIM-MAX4376_V01 Datasheet
1Mb / 13P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
2019
MAX4376HAUKVT MAXIM-MAX4376HAUKVT Datasheet
405Kb / 11P
   Single/Dual/Quad, High-Side Current-Sense Amplifiers with Internal Gain
Rev 7; 10/12
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com