Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4093B Datasheet (PDF) - STMicroelectronics

HCF4093B Datasheet PDF - STMicroelectronics
Part # HCF4093B
Download  HCF4093B Download

File Size   311.09 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT NAND SCHMIDT TRIGGERS

HCF4093B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4093B Datasheet PDF - STMicroelectronics

Part # HCF4093B
Download  HCF4093B Click to download

File Size   311.09 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT NAND SCHMIDT TRIGGERS

HCF4093B Datasheet (HTML) - STMicroelectronics

Back Button HCF4093B Datasheet HTML 1Page - STMicroelectronics HCF4093B Datasheet HTML 2Page - STMicroelectronics HCF4093B Datasheet HTML 3Page - STMicroelectronics HCF4093B Datasheet HTML 4Page - STMicroelectronics HCF4093B Datasheet HTML 5Page - STMicroelectronics HCF4093B Datasheet HTML 6Page - STMicroelectronics HCF4093B Datasheet HTML 7Page - STMicroelectronics HCF4093B Datasheet HTML 8Page - STMicroelectronics HCF4093B Datasheet HTML 9Page - STMicroelectronics HCF4093B Datasheet HTML 10Page - STMicroelectronics Next Button 

HCF4093B Product details

Description

The HCC4000B series is composed of close to 80 monolithic types built with Metal Oxide Complementary technology. It provides Designers with high voltage noise tolerant complete Logic

series. It radiation hardness and immunity to Heavy Ions make this series to be usable in the

most difficult environmental conditions.



Features

■ 20V max operating voltage

■ Bufferized inputs and outputs

■ Standardized symmetrical outputs characteristic

■ 50ns typical propagation delays

■ 100nA max 25°C input current

■ 20V quescient current, 100% tested

■ 5-10-15V parametric testing

■ Available in hermetic Flat packages

■ Also available in DIL and DIE form upon request

■ RadHard 100kRad TID at 11rad/sec dose rate

■ SEL-SEU immune to 72MeV/cm²/mg LET ions

■ Designed for space use: ESCC qualified

■ FM parts are delivered in accordance with ESCC detail specifications, with ESCC marking and ST + ESA logos

■ Engineering model parts meet same electrical specifications as FM parts

 




Similar Part No. - HCF4093B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4093B STMICROELECTRONICS-HCF4093B Datasheet
126Kb / 7P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
HCF4093BEY STMICROELECTRONICS-HCF4093BEY Datasheet
126Kb / 7P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
HCF4093BEY STMICROELECTRONICS-HCF4093BEY Datasheet
185Kb / 13P
   QUAD 2-input NAND Schmidt trigger
HCF4093BM1 STMICROELECTRONICS-HCF4093BM1 Datasheet
126Kb / 7P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
More results


Similar Description - HCF4093B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4093 STMICROELECTRONICS-HCF4093_07 Datasheet
185Kb / 13P
   QUAD 2-input NAND Schmidt trigger
logo
System Logic Semiconduc...
SL4093B SLS-SL4093B Datasheet
37Kb / 5P
   Quad 2-Input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A Datasheet
68Kb / 9P
   Quad. 2-input NAND Schmitt-triggers
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP_07 Datasheet
265Kb / 8P
   Quad 2-Input NAND Schmitt Triggers
logo
Micro Electronics
MMC4093 MICRO-ELECTRONICS-MMC4093 Datasheet
133Kb / 4P
   QUAD 2 INPUT NAND SCHMITT TRIGGERS
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP Datasheet
222Kb / 5P
   QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
Hitachi Semiconductor
HD74HC132 HITACHI-HD74HC132 Datasheet
41Kb / 7P
   Quad. 2-input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A_15 Datasheet
92Kb / 11P
   Quad. 2-input NAND Schmitt-triggers
HD74HC132 RENESAS-HD74HC132 Datasheet
86Kb / 7P
   Quad. 2-input NAND Schmitt Triggers
logo
Hitachi Semiconductor
HD74LV132A HITACHI-HD74LV132A Datasheet
52Kb / 13P
   Quad. 2-input NAND Schmitt-triggers
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com