Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL-HKB36A Datasheet (PDF) - A-BRIGHT Inc

AL-HKB36A Datasheet PDF - A-BRIGHT Inc
Part # AL-HKB36A
Download  AL-HKB36A Download

File Size   339.33 Kbytes
Page   5 Pages
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc
Description Super Yellow SMD Chip LED Lamps (0.6mm Height)

AL-HKB36A Datasheet (PDF)

Go To PDF Page Download Datasheet
AL-HKB36A Datasheet PDF - A-BRIGHT Inc

Part # AL-HKB36A
Download  AL-HKB36A Click to download

File Size   339.33 Kbytes
Page   5 Pages
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc
Description Super Yellow SMD Chip LED Lamps (0.6mm Height)

AL-HKB36A Datasheet (HTML) - A-BRIGHT Inc

AL-HKB36A Datasheet HTML 1Page - A-BRIGHT Inc AL-HKB36A Datasheet HTML 2Page - A-BRIGHT Inc AL-HKB36A Datasheet HTML 3Page - A-BRIGHT Inc AL-HKB36A Datasheet HTML 4Page - A-BRIGHT Inc AL-HKB36A Datasheet HTML 5Page - A-BRIGHT Inc



Similar Part No. - AL-HKB36A

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HKB36A A-BRIGHT-AL-HKB36A_09 Datasheet
207Kb / 5P
   0603 Package Yellow SMD Chip LED Lamps (0.6mm Height)
More results


Similar Description - AL-HKB36A

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-HGE36A A-BRIGHT-AL-HGE36A Datasheet
339Kb / 5P
   Super Yellow Green SMD Chip LED Lamps (0.6mm Height)
2006/12/5
AL-HUB36A A-BRIGHT-AL-HUB36A Datasheet
338Kb / 5P
   Super Red SMD Chip LED Lamps (0.6mm Height)
2007/3/14
AL-HKB36A A-BRIGHT-AL-HKB36A_09 Datasheet
207Kb / 5P
   0603 Package Yellow SMD Chip LED Lamps (0.6mm Height)
AL-HJF36A A-BRIGHT-AL-HJF36A Datasheet
338Kb / 5P
   Super Amber SMD Chip LED Lamps (0.6mm Height)
2006/10/11
AL-HKB33A A-BRIGHT-AL-HKB33A Datasheet
342Kb / 5P
   Super Yellow SMD Chip LED Lamps
2006/10/11
AL-HKB33 A-BRIGHT-AL-HKB33 Datasheet
340Kb / 5P
   Super Yellow SMD Chip LED Lamps
2006/10/11
AL-HKB35A A-BRIGHT-AL-HKB35A Datasheet
344Kb / 5P
   Super Yellow SMD Chip LED Lamps (1.0mm Height)
2006/10/11
AL-HKB36D A-BRIGHT-AL-HKB36D Datasheet
340Kb / 5P
   Super Yellow SMD Chip LED Lamps (0.8mm Height)
2006/10/11
AL-HB436A A-BRIGHT-AL-HB436A Datasheet
338Kb / 5P
   0603 Package Super Blue SMD Chip LED Lamps (0.6mm Height)
2006/10/11
AL-HG636A A-BRIGHT-AL-HG636A Datasheet
338Kb / 5P
   Green SMD Chip LED Lamps (0.6mm Height)
2006/10/11
More results




About A-BRIGHT Inc


A-BRIGHT Inc is a Taiwanese company that specializes in the design, development, and production of LED lighting solutions for a variety of industries, including automotive, industrial, and commercial. The company was founded in 2008 and is headquartered in Taoyuan City, Taiwan.

A-BRIGHT's product portfolio includes a wide range of LED lighting solutions, such as LED modules, light bars, and flexible strips. The company also offers customized solutions for specific applications, including the design and development of LED lighting systems and modules.

The company's engineering team has extensive experience in developing advanced LED technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

A-BRIGHT's products are known for their high quality, reliability, and energy efficiency. The company uses advanced technologies and materials to develop LED lighting solutions that are efficient, durable, and cost-effective.

Overall, A-BRIGHT Inc is a trusted provider of high-quality LED lighting solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com