Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT3704 Datasheet (PDF) - Active-Semi, Inc

ACT3704 Datasheet PDF - Active-Semi, Inc
Part # ACT3704
Download  ACT3704 Download

File Size   452.86 Kbytes
Page   15 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description 12V Linear-Mode Battery Charger for Li/Li-polymer Cells

ACT3704 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT3704 Datasheet PDF - Active-Semi, Inc

Part # ACT3704
Download  ACT3704 Click to download

File Size   452.86 Kbytes
Page   15 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description 12V Linear-Mode Battery Charger for Li/Li-polymer Cells

ACT3704 Datasheet (HTML) - Active-Semi, Inc

Back Button ACT3704 Datasheet HTML 1Page - Active-Semi, Inc ACT3704 Datasheet HTML 2Page - Active-Semi, Inc ACT3704 Datasheet HTML 3Page - Active-Semi, Inc ACT3704 Datasheet HTML 4Page - Active-Semi, Inc ACT3704 Datasheet HTML 5Page - Active-Semi, Inc ACT3704 Datasheet HTML 6Page - Active-Semi, Inc ACT3704 Datasheet HTML 7Page - Active-Semi, Inc ACT3704 Datasheet HTML 8Page - Active-Semi, Inc ACT3704 Datasheet HTML 9Page - Active-Semi, Inc ACT3704 Datasheet HTML 10Page - Active-Semi, Inc Next Button 

ACT3704 Product details

GENERAL DESCRIPTION
The ACT3704 is a complete linear charging solution for single cell Lithium Ion and Lithium Polymer batteries. It incorporates an internal 12V power MOSFET for Constant-Current, Constant-Voltage control (CC/CV).
   
FEATURES
• Internal High Voltage MOSFET
• Up to 12V Input Voltage
• ±0.5% Output Voltage Accuracy
• Charge Current Thermal Foldback
• Programmable Termination Voltage
• Programmable Fast Charge Current
• Programmable Charging Timer
• No Blocking Diode Required
• Low Reverse Leakage
• Preconditioning for Deeply Depleted Battery
• Low Quiescent Current Standby Mode
• Space-Saving, Thermally-Enhanced SOP-
    8/EP, TDFN33-8
   
APPLICATIONS
• Mobile Phone
• Wireless Headsets
• Portable Media Players
• Cradle Chargers
• Portable Devices
   




Similar Part No. - ACT3704

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT3780 ACTIVE-SEMI-ACT3780 Datasheet
147Kb / 2P
   ActivePath??Battery Charger
29-May-08
ACT3780 ACTIVE-SEMI-ACT3780 Datasheet
514Kb / 20P
   50mΩ Battery Switch for Highest Efficiency
Rev 8, 09-Jul-13
ACT3780NY-T ACTIVE-SEMI-ACT3780NY-T Datasheet
147Kb / 2P
   ActivePath??Battery Charger
29-May-08
ACT3780QY-T ACTIVE-SEMI-ACT3780QY-T Datasheet
147Kb / 2P
   ActivePath??Battery Charger
29-May-08
ACT3780QY-T ACTIVE-SEMI-ACT3780QY-T Datasheet
101Kb / 2P
   ActivePath Battery Charger
05-Dec-12
More results


Similar Description - ACT3704

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6291 INTERSIL-ISL6291 Datasheet
357Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682_12 Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com