Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SC4081U
(1)
2SC4081W
(1)
2SC4081W - Silicon Epitaxial Planar Transistor - Galaxy Semi-Conductor Holdings Limited
Click Here View
2SC4081W
Datasheet
Part No.
2SC4081W
Description
Silicon Epitaxial Planar Transistor
Download
2SC4081W
Click here
to View
File Size
217.23 Kbytes / 4 Pages
Maker
BILIN [Galaxy Semi-Conductor Holdings Limited]
Homepage
http://www.galaxycn.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
2SA2180
PNP
Epitaxial
Planar
Silicon
Transistor
50V
/
5A
High-Speed
Switching
Sanyo Semicon Device
2SC6081
NPN
Epitaxial
Planar
Silicon
Transistor
50V
/
5A
High-Speed
Switching
Sanyo Semicon Device
2SC6099
NPN
Epitaxial
Planar
Silicon
Transistor
High-Voltage
Switching
Applications
Sanyo Semicon Device
CPH3234
NPN
Epitaxial
Planar
Silicon
Transistor
DC
/
DC
Converter
Applications
Sanyo Semicon Device
2SA1037
Silicon
Epitaxial
Planar
Transistor
Galaxy Semi-Conductor Holdings Limited
2SC2411
Silicon
Epitaxial
Planar
Transistor
Galaxy Semi-Conductor Holdings Limited
GJSD1802
NPN
EPITAXIAL
PLANAR
SILICON
TRANSISTOR
GTM CORPORATION
2SA2181
PNP
Epitaxial
Planar
Silicon
Transistor
50V
/
15A
High-Speed
Switching
Sanyo Semicon Device
CPH3148
PNP
Epitaxial
Planar
Silicon
Transistor
High-Voltage
Switching
Applications
Sanyo Semicon Device
CPH3235
NPN
Epitaxial
Planar
Silicon
Transistor
DC
/
DC
Converter
Applications
Sanyo Semicon Device
Link URL :
Related keyword
2SC4081W Datasheet
2SC4081W Cross Reference
2SC4081W Schematic
2SC4081W Distributor
2SC4081W Datenblatt
2SC4081W RoHS
2SC4081W Equivalent
2SC4081W Application Notes
2SC4081W Data Sheet
2SC4081W components
2SC4081W Fiche Technique
2SC4081W Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer