Datasheet Search System
Mirror site :
alldatasheet.com,
alldatasheet.co.kr
Semiconductors, integrated circuits, diodes, triacs, and other semiconductors informations
Part Name
Included
start with
end
match
Description
Shortcut :
2SC5342
(7)
2SC5343
(10)
2SC5344
(6)
2SC5345
(6)
2SC5346
(2)
2SC5347
(1)
2SC5345 - Silicon Epitaxial Planar Transistor - Galaxy Semi-Conductor Holdings Limited
Click Here View
2SC5345
Datasheet
Part No.
2SC5345
Description
Silicon Epitaxial Planar Transistor
Download
2SC5345
Click here
to View
File Size
190.4 Kbytes / 4 Pages
Maker
BILIN [Galaxy Semi-Conductor Holdings Limited]
Homepage
http://www.galaxycn.com/
Related Electronics Part Number
Part Number
Components Description
Manufacturer
2SA2180
PNP
Epitaxial
Planar
Silicon
Transistor
50V
/
5A
High-Speed
Switching
Sanyo Semicon Device
2SC6081
NPN
Epitaxial
Planar
Silicon
Transistor
50V
/
5A
High-Speed
Switching
Sanyo Semicon Device
2SC6099
NPN
Epitaxial
Planar
Silicon
Transistor
High-Voltage
Switching
Applications
Sanyo Semicon Device
CPH3234
NPN
Epitaxial
Planar
Silicon
Transistor
DC
/
DC
Converter
Applications
Sanyo Semicon Device
2SA1037
Silicon
Epitaxial
Planar
Transistor
Galaxy Semi-Conductor Holdings Limited
2SC2411
Silicon
Epitaxial
Planar
Transistor
Galaxy Semi-Conductor Holdings Limited
2SC5343
Silicon
Epitaxial
Planar
Transistor
Galaxy Semi-Conductor Holdings Limited
GJSD1802
NPN
EPITAXIAL
PLANAR
SILICON
TRANSISTOR
GTM CORPORATION
2SA2181
PNP
Epitaxial
Planar
Silicon
Transistor
50V
/
15A
High-Speed
Switching
Sanyo Semicon Device
CPH3148
PNP
Epitaxial
Planar
Silicon
Transistor
High-Voltage
Switching
Applications
Sanyo Semicon Device
Link URL :
Related keyword
2SC5345 Datasheet
2SC5345 Cross Reference
2SC5345 Schematic
2SC5345 Distributor
2SC5345 Datenblatt
2SC5345 RoHS
2SC5345 Equivalent
2SC5345 Application Notes
2SC5345 Data Sheet
2SC5345 components
2SC5345 Fiche Technique
2SC5345 Circuit
All Rights Reserved©
Alldatasheet.net
2003 - 2008
Contact us
Privacy Policy
Bookmark
Link Exchange
Site link
Manufacturer