Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM2200 Datasheet (PDF) - Analog Devices

ADUM2200 Datasheet PDF - Analog Devices
Part # ADUM2200
Download  ADUM2200 Download

File Size   502.99 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel Digital Isolators, 5 kV

ADUM2200 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM2200 Datasheet PDF - Analog Devices

Part # ADUM2200
Download  ADUM2200 Click to download

File Size   502.99 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Channel Digital Isolators, 5 kV

ADUM2200 Datasheet (HTML) - Analog Devices

Back Button ADUM2200 Datasheet HTML 1Page - Analog Devices ADUM2200 Datasheet HTML 2Page - Analog Devices ADUM2200 Datasheet HTML 3Page - Analog Devices ADUM2200 Datasheet HTML 4Page - Analog Devices ADUM2200 Datasheet HTML 5Page - Analog Devices ADUM2200 Datasheet HTML 6Page - Analog Devices ADUM2200 Datasheet HTML 7Page - Analog Devices ADUM2200 Datasheet HTML 8Page - Analog Devices ADUM2200 Datasheet HTML 9Page - Analog Devices ADUM2200 Datasheet HTML 10Page - Analog Devices Next Button 

ADUM2200 Product details

GENERAL DESCRIPTION

The ADuM220x1 are 2-channel digital isolators based on Analog Devices, Inc., iCoupler® technology. Combining high speed CMOS and monolithic air core transformer technology, these isolation components provide outstanding performance characteristics that are superior to alternatives such as optocoupler devices.



FEATURES

High isolation voltage: 5000 V rms

Low power operation

  5 V operation

    1.6 mA per channel maximum @ 0 Mbps to 2 Mbps

    3.7 mA per channel maximum @ 10 Mbps

  3 V operation

    1.4 mA per channel maximum @ 0 Mbps to 2 Mbps

    2.4 mA per channel maximum @ 10 Mbps

Bidirectional communication

3 V/5 V level translation

High temperature operation: 105°C

High data rate: dc to 10 Mbps (NRZ)

Precise timing characteristics

   3 ns maximum pulse width distortion

   3 ns maximum channel-to-channel matching

High common-mode transient immunity: >25 kV/μs

16-lead SOIC wide body package (RoHS-compliant models available)

Safety and regulatory approvals

  UL recognition: 5000 V rms for 1 minute per UL 1577 (pending)

  CSA Component Acceptance Notice #5A (pending)

    IEC 60950-1: 600 V rms (reinforced)

    IEC 60601-1: 250 V rms (reinforced)

VDE certificate of conformity (pending)

   DIN V VDE V 0884-10 (VDE V 0884-10):2006-12

   VIORM = 846 V peak



APPLICATIONS

General-purpose, high voltage, multichannel isolation

Medical equipment

Power supplies

RS-232/RS-422/RS-485 transceiver isolation




Similar Part No. - ADUM2200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADuM220N0BRWZ AD-ADuM220N0BRWZ Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N0BRWZ AD-ADUM220N0BRWZ Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADuM220N0BRWZ-RL AD-ADuM220N0BRWZ-RL Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
More results


Similar Description - ADUM2200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2210 AD-ADUM2210 Datasheet
339Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. A
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM7240 AD-ADUM7240 Datasheet
267Kb / 16P
   1 kV, Dual Channel Digital Isolators
REV. A
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com