Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4150 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

LL4150 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # LL4150
Download  LL4150 Download

File Size   188.81 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SMALL SIGNAL SWITCHING DIODE

LL4150 Datasheet (PDF)

Go To PDF Page Download Datasheet
LL4150 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # LL4150
Download  LL4150 Click to download

File Size   188.81 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SMALL SIGNAL SWITCHING DIODE

LL4150 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited

LL4150 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited LL4150 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited

LL4150 Product details

VOLTAGE RANGE: 50 V
CURRENT: 300 m A

FEATURES
◇ Silicon epitaxial planar diode
◇ High speed switching diode
◇ 500 mW power dissipation

MECHANICAL DATA
◇ Case: MINI-MELF,glass case
◇ Polarity: Color band denotes cathode
◇ Weight: Approx 0.031 grams




Similar Part No. - LL4150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4150 VISHAY-LL4150 Datasheet
94Kb / 5P
   Silicon Epitaxial Planar Diodes
Rev. 1.6, 06-Apr-04
logo
Diotec Semiconductor
LL4150 DIOTEC-LL4150 Datasheet
96Kb / 2P
   Ultrafast Switching Surface Mount Si-Planar Diodes
logo
EIC discrete Semiconduc...
LL4150 EIC-LL4150 Datasheet
358Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
Diodes Incorporated
LL4150 DIODES-LL4150 Datasheet
50Kb / 1P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30069 Rev. C-2
logo
Vishay Siliconix
LL4150 VISHAY-LL4150 Datasheet
58Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.8, 01-Sep-10
More results


Similar Description - LL4150

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com