![]() Datasheet Search System ![]() Mirror site : alldatasheet.com, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FYS-10013 - LED DIGIT DISPLAY - Ningbo Foryard Optoelectronics Co., Ltd. |
|
Click Here View FYS-10013 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BQ-N426RD | 0.39 10.0MM FOUR DIGIT LED DISPLAY | BRIGHT LED ELECTRONICS CORP |
| BS-A342RD-B | 0.39 10.00MM single DIGIT LED DISPLAY | BRIGHT LED ELECTRONICS CORP |
| BS-AD44RD | 0.39 10.00MM single DIGIT LED DISPLAY | BRIGHT LED ELECTRONICS CORP |
| BS-C346RD | 0.39 10.00MM single DIGIT LED DISPLAY | BRIGHT LED ELECTRONICS CORP |
| BS-CD16RD | 2.30 56.90MM single DIGIT LED DISPLAY | BRIGHT LED ELECTRONICS CORP |
| BX-M324RD | 0.30 7.80MM FIVE DIGIT LED DISPLAY | BRIGHT LED ELECTRONICS CORP |
| FYS-40011E | LED DIGIT DISPLAY | Ningbo Foryard Optoelectronics Co., Ltd. |
| FYS-30011AX | LED DIGIT DISPLAY | Ningbo Foryard Optoelectronics Co., Ltd. |
| FYD-5021CX | LED DIGIT DISPLAY | Ningbo Foryard Optoelectronics Co., Ltd. |
| FYS-23011C | LED DIGIT DISPLAY | Ningbo Foryard Optoelectronics Co., Ltd. |
Link URL |
|
|
Related keyword |
| FYS-10013 Datasheet | FYS-10013 Cross Reference | FYS-10013 Schematic | FYS-10013 Distributor | FYS-10013 Datenblatt | FYS-10013 RoHS |
| FYS-10013 Equivalent | FYS-10013 Application Notes | FYS-10013 Data Sheet | FYS-10013 component | FYS-10013 Fiche Technique | FYS-10013 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.net 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |