Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6375 Datasheet (PDF) - STMicroelectronics

L6375 Datasheet PDF - STMicroelectronics
Part # L6375
Download  L6375 Download

File Size   84.86 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.5A INDUSTRIAL INTELLIGENT POWER SWITCH

L6375 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6375 Datasheet PDF - STMicroelectronics

Part # L6375
Download  L6375 Click to download

File Size   84.86 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 0.5A INDUSTRIAL INTELLIGENT POWER SWITCH

L6375 Datasheet (HTML) - STMicroelectronics

Back Button L6375 Datasheet HTML 1Page - STMicroelectronics L6375 Datasheet HTML 2Page - STMicroelectronics L6375 Datasheet HTML 3Page - STMicroelectronics L6375 Datasheet HTML 4Page - STMicroelectronics L6375 Datasheet HTML 5Page - STMicroelectronics L6375 Datasheet HTML 6Page - STMicroelectronics L6375 Datasheet HTML 7Page - STMicroelectronics L6375 Datasheet HTML 8Page - STMicroelectronics L6375 Datasheet HTML 9Page - STMicroelectronics L6375 Datasheet HTML 10Page - STMicroelectronics Next Button 

L6375 Product details

DESCRIPTION

The L6375 is a monolithic fully protected, full diagnostic 0.5A Intelligent Power Switch. it is designed to drive any kind of R-L-C load with controlled output voltage slew rate and non dissipative short circuit protection. An internal Clamping Diode enables the fast demagnetization of inductive loads. Diagnostic for CPU feedback and extensive use of electrical protections make this device extremely rugged and specially suitable for industrial automation applications.



■ 0.5A OUTPUT CURRENT

■ 8V TO 35V SUPPLY VOLTAGE RANGE

■ NON DISSIPATIVE SHORT CIRCUIT PROTECTION

■ THERMAL SHUTDOWN

■ OPEN GROUND PROTECTION

■ NEGATIVE VOLTAGE CLAMPING FOR FAST DEMAGNETIZATION

■ UNDERVOLTAGE LOCKOUT WITH HYSTERESIS

■ OPEN LOAD DETECTION

■ TWO DIAGNOSTIC OUTPUTS

■ OUTPUT STATUS LED DRIVER

■ IMMUNITY AGAINST BURST TRANSIENT (IEC 801-4), see application schematic.

■ ESD PROTECTION (HUMAN BODY MODEL ±2KV)



 




Similar Part No. - L6375

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
   0.5A high-side driver industrial intelligent power switch
L6375DTR STMICROELECTRONICS-L6375DTR Datasheet
330Kb / 16P
   0.5A high-side driver industrial intelligent power switch
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
   0.5A high-side driver industrial intelligent power switch
L6375STR STMICROELECTRONICS-L6375STR Datasheet
465Kb / 17P
   0.5A high-side driver industrial intelligent power switch
More results


Similar Description - L6375

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1798 STMICROELECTRONICS-TDE1798_03 Datasheet
1Mb / 14P
   0.5A INTELLIGENT POWER SWITCH
TDE1798 STMICROELECTRONICS-TDE1798 Datasheet
174Kb / 14P
   0.5A INTELLIGENT POWER SWITCH
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
   0.5A high-side driver industrial intelligent power switch
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
   0.5A high-side driver industrial intelligent power switch
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
   0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
   0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com