Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDSG316 Datasheet (PDF) - TEMIC Semiconductors

TDSG316 Datasheet PDF - TEMIC Semiconductors
Part # TDSG316
Download  TDSG316 Download

File Size   129.19 Kbytes
Page   9 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description 13 mm Seven Segment Display

TDSG316 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDSG316 Datasheet PDF - TEMIC Semiconductors

Part # TDSG316
Download  TDSG316 Click to download

File Size   129.19 Kbytes
Page   9 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description 13 mm Seven Segment Display

TDSG316 Datasheet (HTML) - TEMIC Semiconductors

TDSG316 Datasheet HTML 1Page - TEMIC Semiconductors TDSG316 Datasheet HTML 2Page - TEMIC Semiconductors TDSG316 Datasheet HTML 3Page - TEMIC Semiconductors TDSG316 Datasheet HTML 4Page - TEMIC Semiconductors TDSG316 Datasheet HTML 5Page - TEMIC Semiconductors TDSG316 Datasheet HTML 6Page - TEMIC Semiconductors TDSG316 Datasheet HTML 7Page - TEMIC Semiconductors TDSG316 Datasheet HTML 8Page - TEMIC Semiconductors TDSG316 Datasheet HTML 9Page - TEMIC Semiconductors

TDSG316 Product details

Description
The TDS.51.. series are 13 mm character seven segment LED displays in a very compact package.
The displays are designed for a viewing distance up to 7 meters and available in four bright colors. The grey package surface and the evenly lighted untinted segments provide an optimum on-off contrast.
All displays are categorized in luminous intensity groups.
That allows users to assemble displays with uniform appearence.
Typical applications include instruments, panel meters, point-of-sale terminals and household equipment.

Features
● Evenly lighted segments
● Grey package surface
● Untinted segments
● Luminous intensity categorized
● Yellow and green categorized for color
● Wide viewing angle
● Suitable for DC and high peak current

Applications
    Panel meters
    Test- and measure- equipment
    Point-of-sale terminals
    Control units
    TV sets




Similar Part No. - TDSG316

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSG316 VISHAY-TDSG316 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSG3160 VISHAY-TDSG3160 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
TDSG3160 VISHAY-TDSG3160 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3160 VISHAY-TDSG3160 Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSG3160 VISHAY-TDSG3160 Datasheet
128Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2023
More results


Similar Description - TDSG316

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDSR515 VISHAY-TDSR515 Datasheet
120Kb / 10P
   13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSR135 VISHAY-TDSR135 Datasheet
97Kb / 5P
   High Intensity 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSR115 VISHAY-TDSR115 Datasheet
126Kb / 9P
   7 mm Seven Segment Display
Rev. A1, 02-Jun-99
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Vishay Siliconix
TDSG5150 VISHAY-TDSG5150_V01 Datasheet
158Kb / 12P
   Standard 7-Segment Display 13 mm
01-Jan-2023
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com