Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28F128L18 Datasheet (PDF) - Numonyx B.V

28F128L18 Datasheet PDF - Numonyx B.V
Part # 28F128L18
Download  28F128L18 Download

File Size   1707.81 Kbytes
Page   106 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description StrataFlash Wireless Memory

28F128L18 Datasheet (PDF)

Go To PDF Page Download Datasheet
28F128L18 Datasheet PDF - Numonyx B.V

Part # 28F128L18
Download  28F128L18 Click to download

File Size   1707.81 Kbytes
Page   106 Pages
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V
Description StrataFlash Wireless Memory

28F128L18 Datasheet (HTML) - Numonyx B.V

Back Button 28F128L18 Datasheet HTML 1Page - Numonyx B.V 28F128L18 Datasheet HTML 2Page - Numonyx B.V 28F128L18 Datasheet HTML 3Page - Numonyx B.V 28F128L18 Datasheet HTML 4Page - Numonyx B.V 28F128L18 Datasheet HTML 5Page - Numonyx B.V 28F128L18 Datasheet HTML 6Page - Numonyx B.V 28F128L18 Datasheet HTML 7Page - Numonyx B.V 28F128L18 Datasheet HTML 8Page - Numonyx B.V 28F128L18 Datasheet HTML 9Page - Numonyx B.V 28F128L18 Datasheet HTML 10Page - Numonyx B.V Next Button 

28F128L18 Product details

The Numonyx™ StrataFlash® Wireless Memory (L18) provides read-while-write and read-while-erase capability with density upgrades through 256-Mbit. This family of devices provides high performance at low voltage on a 16-bit data bus. Individually erasable memory blocks are sized for optimum code and data storage.

■ High performance Read-While-Write/Erase
  — 85 ns initial access
  — 54 MHz with zero wait state, 14 ns clock-to-data output synchronous-burst mode
  — 25 ns asynchronous-page mode
  — 4-, 8-, 16-, and continuous-word burst mode
  — Burst suspend
  — Programmable WAIT configuration
  — Buffered Enhanced Factory Programming (BEFP) at 5 µs/byte (Typ)
  — 1.8 V low-power buffered programming at 7 µs/byte (Typ)
■ Architecture
  — Asymmetrically-blocked architecture
  — Multiple 8-Mbit partitions: 128-Mbit devices
  — Multiple 16-Mbit partitions: 256-Mbit devices
  — Four 16-Kword parameter blocks: top or bottom configurations
  — 64-Kword main blocks
  — Dual-operation: Read-While-Write (RWW) or Read-While-Erase (RWE)
  — Status Register for partition and device status
■ Power
  — VCC (core) = 1.7 V - 2.0 V
  — VCCQ (I/O) = 1.35 V - 2.0 V, 1.7 V - 2.0 V
  — Standby current: 30 µA (Typ) for 256-Mbit
  — 4-Word synchronous read current: 15 mA (Typ) at 54 MHz
  — Automatic Power Savings mode
■ Security
  — OTP space: 64 unique factory device identifier bits; 64 user-programmable OTP bits; Additional 2048 user-programmable OTP bits
  — Absolute write protection: VPP = GND
  — Power-transition erase/program lockout
  — Individual zero-latency block locking
  — Individual block lock-down
■ Software
  — 20 µs (Typ) program suspend
  — 20 µs (Typ) erase suspend
  — Numonyx® Flash Data Integrator optimized
  — Basic Command Set (BCS) and Extended Command Set (ECS) compatible
  — Common Flash Interface (CFI) capable
■ Quality and Reliability
  — Expanded temperature: –25° C to +85° C
  — Minimum 100,000 erase cycles per block
  — Intel ETOX* VIII process technology (0.13 µm)
■ Density and Packaging
  — 128- and 256-Mbit density in VF BGA packages
  — 128/0 and 256/0 density in SCSP
  — 16-bit wide data bus




Similar Part No. - 28F128L18

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F128L18 INTEL-28F128L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
More results


Similar Description - 28F128L18

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F640L18 INTEL-28F640L18 Datasheet
1Mb / 106P
   StrataFlash Wireless Memory
logo
Numonyx B.V
313295-04 NUMONYX-313295-04 Datasheet
1Mb / 98P
   Numonyx StrataFlash Wireless Memory
logo
Intel Corporation
TE28F256J3C INTEL-TE28F256J3C Datasheet
905Kb / 72P
   Intel StrataFlash Memory (J3)
logo
Numonyx B.V
306666-11 NUMONYX-306666-11 Datasheet
1Mb / 99P
   Numonyx StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P30B95A MICRON-JS28F256P30B95A Datasheet
1Mb / 97P
   Numonyx StrataFlash Embedded Memory
logo
Intel Corporation
28F640P3 INTEL-28F640P3 Datasheet
1Mb / 102P
   Intel StrataFlash Embedded Memory
logo
Micron Technology
JS28F256P33BFE MICRON-JS28F256P33BFE Datasheet
1Mb / 90P
   NumonyxTM StrataFlash Embedded Memory
logo
Intel Corporation
28F128J3A INTEL-28F128J3A Datasheet
380Kb / 58P
   3 Volt Intel StrataFlash Memory
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
   128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
logo
Intel Corporation
28F320J5 INTEL-28F320J5 Datasheet
641Kb / 53P
   StrataFlash MEMORY TECHNOLOGY 32 AND 64 MBIT
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com