Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1040 Datasheet (PDF) - Maxim Integrated Products

MAX1040 Datasheet PDF - Maxim Integrated Products
Part # MAX1040
Download  MAX1040 Download

File Size   621.44 Kbytes
Page   44 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports

MAX1040 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1040 Datasheet PDF - Maxim Integrated Products

Part # MAX1040
Download  MAX1040 Click to download

File Size   621.44 Kbytes
Page   44 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports

MAX1040 Datasheet (HTML) - Maxim Integrated Products

Back Button MAX1040 Datasheet HTML 1Page - Maxim Integrated Products MAX1040 Datasheet HTML 2Page - Maxim Integrated Products MAX1040 Datasheet HTML 3Page - Maxim Integrated Products MAX1040 Datasheet HTML 4Page - Maxim Integrated Products MAX1040 Datasheet HTML 5Page - Maxim Integrated Products MAX1040 Datasheet HTML 6Page - Maxim Integrated Products MAX1040 Datasheet HTML 7Page - Maxim Integrated Products MAX1040 Datasheet HTML 8Page - Maxim Integrated Products MAX1040 Datasheet HTML 9Page - Maxim Integrated Products MAX1040 Datasheet HTML 10Page - Maxim Integrated Products Next Button 

MAX1040 Product details

General Description
The MAX1040/MAX1042/MAX1046/MAX1048 integrate a multichannel, 10-bit, analog-to-digital converter (ADC) and a quad, 10-bit, digital-to-analog converter (DAC) in a single IC. The devices also include a temperature sensor and configurable general-purpose I/O ports (GPIOs) with a 25MHz SPI™-/QSPI™-/MICROWIRE™-compatible serial interface. The ADC is available in a four or an eight input-channel version. The four DAC outputs settle within 2.0µs, and the ADC has a 225ksps conversion rate.
All devices include an internal reference (4.096V) providing a well-regulated, low-noise reference for both the ADC and DAC. Programmable reference modes for the ADC and DAC allow the use of an internal reference, an external reference, or a combination of both. Features such as an internal ±1°C accurate temperature sensor, FIFO, scan modes, programmable internal or external clock modes, data averaging, and AutoShutdown™ allow users to minimize both power consumption and processor requirements. The low glitch energy (4nV•s) and low digital feedthrough (0.5nV•s) of the integrated quad DACs make these devices ideal for digital control of fast response closed-loop systems.

Features
♦ 10-Bit, 225ksps ADC
   Analog Multiplexer with True-Differential
      Track/Hold (T/H)
   Eight Single-Ended Channels or Four
      Differential
      Channels (Unipolar or Bipolar)
      (MAX1040/MAX1042)
   Four Single-Ended Channels or Two Differential
      Channels (Unipolar or Bipolar)
      (MAX1046/MAX1048)
   Excellent Accuracy: ±0.5 LSB INL, ±0.5 LSB
      DNL, No Missing Codes Over Temperature
♦ 10-Bit, Quad, 2µs Settling DAC
   Ultra-Low-Glitch Energy (4nV•s)
   Power-Up Options from Zero Scale or Full Scale
   Excellent Accuracy: ±0.5 LSB INL
♦ Internal Reference or External Single-Ended/
   Differential Reference
   Internal Reference Voltage (4.096V)
♦ Internal ±1°C Accurate Temperature Sensor
♦ On-Chip FIFO Capable of Storing 16 ADC
   Conversion Results and One Temperature Result
♦ On-Chip Channel-Scan Mode and Internal
   Data-Averaging Features
♦ Analog Single-Supply Operation: +4.75V to +5.25V
♦ Digital Supply: +2.7V to AVDD
♦ 25MHz, SPI/QSPI/MICROWIRE Serial Interface
♦ AutoShutdown Between Conversions
♦ Low-Power ADC
   2.5mA at 225ksps
   22µA at 1ksps
   0.2µA at Shutdown
♦ Low-Power DAC: 1.5mA
♦ Evaluation Kit Available (Order MAX1258EVKIT)

Applications
   Closed-Loop Controls for Optical Components and Base Stations
   System Supervision and Control
   Data-Acquisition Systems




Similar Part No. - MAX1040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1040 MAXIM-MAX1040 Datasheet
406Kb / 39P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1040BETX MAXIM-MAX1040BETX Datasheet
406Kb / 39P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1040 MAXIM-MAX1040_08 Datasheet
406Kb / 39P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
More results


Similar Description - MAX1040

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1020 MAXIM-MAX1020_12 Datasheet
612Kb / 44P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
MAX1020 MAXIM-MAX1020 Datasheet
1Mb / 47P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
19-3280; Rev 2; 8/04
MAX1040 MAXIM-MAX1040_08 Datasheet
406Kb / 39P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1021 MAXIM-MAX1021 Datasheet
593Kb / 40P
   10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 3/08
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1220 MAXIM-MAX1220_12 Datasheet
567Kb / 43P
   12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
logo
Texas Instruments
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
[Old version datasheet]   AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com