Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27128A Datasheet (PDF) - STMicroelectronics

M27128A Datasheet PDF - STMicroelectronics
Part # M27128A
Download  M27128A Download

File Size   107.42 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NMOS 128K 16K x 8 UV EPROM

M27128A Datasheet (PDF)

Go To PDF Page Download Datasheet
M27128A Datasheet PDF - STMicroelectronics

Part # M27128A
Download  M27128A Click to download

File Size   107.42 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NMOS 128K 16K x 8 UV EPROM

M27128A Datasheet (HTML) - STMicroelectronics

M27128A Datasheet HTML 1Page - STMicroelectronics M27128A Datasheet HTML 2Page - STMicroelectronics M27128A Datasheet HTML 3Page - STMicroelectronics M27128A Datasheet HTML 4Page - STMicroelectronics M27128A Datasheet HTML 5Page - STMicroelectronics M27128A Datasheet HTML 6Page - STMicroelectronics M27128A Datasheet HTML 7Page - STMicroelectronics M27128A Datasheet HTML 8Page - STMicroelectronics M27128A Datasheet HTML 9Page - STMicroelectronics M27128A Datasheet HTML 10Page - STMicroelectronics

M27128A Product details

DESCRIPTION
The M27128A is a 131,072 bit UV erasable and electrically programmable memory EPROM. It is organized as 16,384 words by 8 bits.
The M27128A is housed in a 28 Pin Window Ceramic Frit-Seal Dual-in-Line package. The transparent lid allows the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be written to the device by following the programming procedure.

■ FAST ACCESS TIME: 200ns
■ EXTENDED TEMPERATURE RANGE
■ SINGLE 5 V SUPPLY VOLTAGE
■ LOW STANDBY CURRENT: 40mA max
■ TTL COMPATIBLE DURING READ and PROGRAM
■ FAST PROGRAMMING ALGORITHM
■ ELECTRONIC SIGNATURE
■ PROGRAMMING VOLTAGE: 12V




Similar Part No. - M27128A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M27128A INTEL-M27128A Datasheet
622Kb / 9P
   AVDVANCED 64K (8K x 8) UV ERASABLE PROM
M27128A INTEL-M27128A Datasheet
555Kb / 9P
   Advanced 128K(16 x 8) UV Erasable PROM
logo
STMicroelectronics
M27128A-1F1 STMICROELECTRONICS-M27128A-1F1 Datasheet
91Kb / 9P
   NMOS 16K 2K x 8 UV EPROM
M27128A-1F6 STMICROELECTRONICS-M27128A-1F6 Datasheet
91Kb / 9P
   NMOS 16K 2K x 8 UV EPROM
logo
Intel Corporation
M27128A-20 INTEL-M27128A-20 Datasheet
555Kb / 9P
   Advanced 128K(16 x 8) UV Erasable PROM
More results


Similar Description - M27128A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE21128 NTE-NTE21128 Datasheet
37Kb / 6P
   Integrated Circuit NMOS, 128K (16K x 8) UV EPROM
logo
STMicroelectronics
M2716 STMICROELECTRONICS-M2716 Datasheet
91Kb / 9P
   NMOS 16K 2K x 8 UV EPROM
logo
Microchip Technology
27C128 MICROCHIP-27C128_04 Datasheet
146Kb / 10P
   128K (16K x 8) CMOS EPROM
2004
27C128 MICROCHIP-27C128 Datasheet
62Kb / 12P
   128K (16K x 8) CMOS EPROM
1996
logo
STMicroelectronics
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
   NMOS 512K 64K x 8 UV EPROM
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
   NMOS 256K 32K x 8 UV EPROM
M2732A STMICROELECTRONICS-M2732A Datasheet
92Kb / 9P
   NMOS 32K 4K x 8 UV EPROM
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
   NMOS 64K (8K x 8) UV EPROM
March 1995
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
   128K (16K x 8-Bit) CMOS EPROM
logo
NEC
UPD2764 NEC-UPD2764 Datasheet
277Kb / 3P
   8,192 x 8-BIT NMOS UV/OTP EPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com