Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27V320 Datasheet (PDF) - STMicroelectronics

M27V320 Datasheet PDF - STMicroelectronics
Part # M27V320
Download  M27V320 Download

File Size   144.9 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM

M27V320 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27V320 Datasheet PDF - STMicroelectronics

Part # M27V320
Download  M27V320 Click to download

File Size   144.9 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM

M27V320 Datasheet (HTML) - STMicroelectronics

Back Button M27V320 Datasheet HTML 1Page - STMicroelectronics M27V320 Datasheet HTML 2Page - STMicroelectronics M27V320 Datasheet HTML 3Page - STMicroelectronics M27V320 Datasheet HTML 4Page - STMicroelectronics M27V320 Datasheet HTML 5Page - STMicroelectronics M27V320 Datasheet HTML 6Page - STMicroelectronics M27V320 Datasheet HTML 7Page - STMicroelectronics M27V320 Datasheet HTML 8Page - STMicroelectronics M27V320 Datasheet HTML 9Page - STMicroelectronics M27V320 Datasheet HTML 10Page - STMicroelectronics Next Button 

M27V320 Product details

DESCRIPTION
The M27V320 is a low voltage 32 Mbit EPROM offered in the OTP range (one time programmable).
It is ideally suited for microprocessor systems requiring large data or program storage. It is organised as either 4 MWords of 8 bit or 2 MWords of 16 bit. The pin-out is compatible with the 32 Mbit Mask ROM.
The M27V320 is offered in SO44 and TSOP48 (12 x 20 mm) packages.

■ 3.3V ± 10% SUPPLY VOLTAGE in READ OPERATION
■ ACCESS TIME: 100ns
■ BYTE-WIDE or WORD-WIDE CONFIGURABLE
■ 32 Mbit MASK ROM REPLACEMENT
■ LOW POWER CONSUMPTION
    – Active Current 30mA at 5MHz
    – Standby Current 60µA
■ PROGRAMMING VOLTAGE: 12V ± 0.25V
■ PROGRAMMING TIME: 50µs/word
■ ELECTRONIC SIGNATURE:
    – Manufacturer Code 20h
    – Device Code: 32h




Similar Part No. - M27V320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V322 STMICROELECTRONICS-M27V322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V322 STMICROELECTRONICS-M27V322 Datasheet
178Kb / 23P
   32 Mbit (2Mb 횞16) low-voltage UV EPROM and OTP EPROM
M27V322-100B1 STMICROELECTRONICS-M27V322-100B1 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V322-100B1 STMICROELECTRONICS-M27V322-100B1 Datasheet
178Kb / 23P
   32 Mbit (2Mb 횞16) low-voltage UV EPROM and OTP EPROM
M27V322-100B6 STMICROELECTRONICS-M27V322-100B6 Datasheet
178Kb / 23P
   32 Mbit (2Mb 횞16) low-voltage UV EPROM and OTP EPROM
More results


Similar Description - M27V320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C320 STMICROELECTRONICS-M27C320 Datasheet
94Kb / 15P
   32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
September 1998
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
   16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27V160 STMICROELECTRONICS-M27V160_06 Datasheet
238Kb / 25P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
M27V160 STMICROELECTRONICS-M27V160 Datasheet
103Kb / 15P
   16 Mbit (2Mb x8 or 1Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M27V322 STMICROELECTRONICS-M27V322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
March 2000
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
M27C400 STMICROELECTRONICS-M27C400 Datasheet
121Kb / 14P
   4 Mbit (512Kb x8 or 256Kb x16) UV EPROM and OTP EPROM
May 1999
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com