Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28C16B Datasheet (PDF) - STMicroelectronics

M28C16B Datasheet PDF - STMicroelectronics
Part # M28C16B
Download  M28C16B Download

File Size   131.63 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection

M28C16B Datasheet (PDF)

Go To PDF Page Download Datasheet
M28C16B Datasheet PDF - STMicroelectronics

Part # M28C16B
Download  M28C16B Click to download

File Size   131.63 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection

M28C16B Datasheet (HTML) - STMicroelectronics

Back Button M28C16B Datasheet HTML 1Page - STMicroelectronics M28C16B Datasheet HTML 2Page - STMicroelectronics M28C16B Datasheet HTML 3Page - STMicroelectronics M28C16B Datasheet HTML 4Page - STMicroelectronics M28C16B Datasheet HTML 5Page - STMicroelectronics M28C16B Datasheet HTML 6Page - STMicroelectronics M28C16B Datasheet HTML 7Page - STMicroelectronics M28C16B Datasheet HTML 8Page - STMicroelectronics M28C16B Datasheet HTML 9Page - STMicroelectronics M28C16B Datasheet HTML 10Page - STMicroelectronics Next Button 

M28C16B Product details

DESCRIPTION

The M28C16B and M28C17B devices consist of 2048x8 bits of low power, parallel EEPROM, fabricated with STMicroelectronics’ proprietary single polysilicon CMOS technology. The devices offer fast access time, with low power dissipation, and require a single voltage supply.



■Fast Access Time: 90 ns at VCC=5V

■Single Supply Voltage:

– 4.5 V to 5.5 V for M28CxxB

– 2.7 V to 3.6 V for M28CxxB-W

■Low Power Consumption

■Fast BYTE and PAGE WRITE (up to 64 Bytes)

–3ms at VCC=4.5 V

–5ms at VCC=2.7 V

■Enhanced Write Detection and Monitoring:

– Data Polling

– Toggle Bit

– Page Load Timer Status

■JEDEC Approved Bytewide Pin-Out

■Software Data Protection

■100000 Erase/Write Cycles (minimum)

■Data Retention (minimum): 40 Years




Similar Part No. - M28C16B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120K1T STMICROELECTRONICS-M28C16-120K1T Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120K6T STMICROELECTRONICS-M28C16-120K6T Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120MS1T STMICROELECTRONICS-M28C16-120MS1T Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16-120MS6T STMICROELECTRONICS-M28C16-120MS6T Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
More results


Similar Description - M28C16B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
   64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
M28LV16 STMICROELECTRONICS-M28LV16 Datasheet
123Kb / 17P
   16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C256 STMICROELECTRONICS-M28C256 Datasheet
132Kb / 21P
   256 Kbit (32Kb x8) Parallel EEPROM with Software Data Protection
January 1999
M28256 STMICROELECTRONICS-M28256 Datasheet
132Kb / 21P
   256 Kbit 32Kb x8 Parallel EEPROM with Software Data Protection
M28010 STMICROELECTRONICS-M28010 Datasheet
150Kb / 23P
   1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
M28LV64 STMICROELECTRONICS-M28LV64 Datasheet
127Kb / 18P
   64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B_06 Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com