Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSU2052 Datasheet (PDF) - Mosel Vitelic, Corp

MSU2052 Datasheet PDF - Mosel Vitelic, Corp
Part # MSU2052
Download  MSU2052 Download

File Size   117.96 Kbytes
Page   21 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description low working voltage 16 MHz ROM less MCU

MSU2052 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSU2052 Datasheet PDF - Mosel Vitelic, Corp

Part # MSU2052
Download  MSU2052 Click to download

File Size   117.96 Kbytes
Page   21 Pages
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp
Description low working voltage 16 MHz ROM less MCU

MSU2052 Datasheet (HTML) - Mosel Vitelic, Corp

Back Button MSU2052 Datasheet HTML 1Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 2Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 3Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 4Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 5Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 6Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 7Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 8Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 9Page - Mosel Vitelic, Corp MSU2052 Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button 

MSU2052 Product details

Description
The MVI MSU2052 series product is an 8 - bit single chip microcontroller.
   
Features
■ Working voltage : L series at 2.7V through 4.5V while S & C series at 4.5 V through 5.5 V
■ General 80C51 family compatible
■ 64 K byte External Memory Space
■ 8 K byte ROM
■ 256 byte data RAM
■ Three 16 bit Timers/Counters
■ Four 8-bit I/O ports
■ Full duplex serial channel
■ Bit operation instructions
■ Page free jumps
■ 8 - bit Unsigned Division
■ 8 - bit Unsigned Multiply
■ BCD arithmatic
■ Direct Addressing
■ Indirect Addressing
■ Nested Interrupt
■ Two priority level interrupt
■ A serial I/O port
■ Power save modes: Idle mode and Power down mode
■ Working at 16/25/40 MHz Clock
   




Similar Part No. - MSU2052

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2051 MOSEL-MSU2051 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2051C16 MOSEL-MSU2051C16 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2051C25 MOSEL-MSU2051C25 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2051C40 MOSEL-MSU2051C40 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
MSU2051L16 MOSEL-MSU2051L16 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
More results


Similar Description - MSU2052

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2051 MOSEL-MSU2051 Datasheet
119Kb / 21P
   low working voltage 16 MHz ROM less MCU
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
   16-BIT MCU WITH 32K BYTE ROM
ST10R172L-B0 STMICROELECTRONICS-ST10R172L-B0 Datasheet
20Kb / 3P
   16-BIT LOW VOLTAGE ROMLESS MCU
ST10R172L STMICROELECTRONICS-ST10R172L Datasheet
648Kb / 68P
   16-BIT LOW VOLTAGE ROMLESS MCU
logo
Microchip Technology
DM163006 MICROCHIP-DM163006 Datasheet
5Mb / 320P
   High-Performance ROM-less Microcontrollers
10/01/00
logo
List of Unclassifed Man...
XPT8P003A ETC2-XPT8P003A Datasheet
322Kb / 1P
   16 MHz XPT8P 8Bit MCU
logo
STMicroelectronics
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
   16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
ST10R272L-B0 STMICROELECTRONICS-ST10R272L-B0 Datasheet
24Kb / 4P
   16-BIT ROMLESS LOW VOLTAGE MCU WITH MAC
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com