Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL-5146-152 Datasheet (PDF) - Sanyo Semicon Device

DL-5146-152 Datasheet PDF - Sanyo Semicon Device
Part # DL-5146-152
Download  DL-5146-152 Download

File Size   85.93 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description BLUE-VIOLET LASER DIODE

DL-5146-152 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL-5146-152 Datasheet PDF - Sanyo Semicon Device

Part # DL-5146-152
Download  DL-5146-152 Click to download

File Size   85.93 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description BLUE-VIOLET LASER DIODE

DL-5146-152 Datasheet (HTML) - Sanyo Semicon Device

DL-5146-152 Datasheet HTML 1Page - Sanyo Semicon Device DL-5146-152 Datasheet HTML 2Page - Sanyo Semicon Device

DL-5146-152 Product details

Features
• Short wavelength : 405 nm (Typ.)
• Light Output: 35mW CW at 50mW (pulse)
• Low threshold current : Ith = 38 mA (Typ.)
• Package : ø5.6 mm

Applications
   Next generation DVD
   Laser module




Similar Part No. - DL-5146-152

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
DL-5146-101S ROITHNER-DL-5146-101S Datasheet
178Kb / 1P
   Short wavelength 405 nm Packge 5.6mm with PD
More results


Similar Description - DL-5146-152

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-LS5001 SANYO-DL-LS5001 Datasheet
25Kb / 1P
   BLUE-VIOLET LASER DIODE
DL-LS5010 SANYO-DL-LS5010 Datasheet
19Kb / 1P
   BLUE-VIOLET LASER DIODE
DL-6146-301 SANYO-DL-6146-301 Datasheet
20Kb / 1P
   BLUE-VIOLET LASER DIODE
DL-5146-351 SANYO-DL-5146-351 Datasheet
18Kb / 1P
   BLUE-VIOLET LASER DIODE
logo
Renesas Technology Corp
NV4V31MF RENESAS-NV4V31MF Datasheet
201Kb / 8P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31MF RENESAS-NV4V31MF_12 Datasheet
249Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V41SF RENESAS-NV4V41SF_15 Datasheet
278Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31SF RENESAS-NV4V31SF Datasheet
284Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
California Eastern Labs
NV4V31SF CEL-NV4V31SF Datasheet
586Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
Renesas Technology Corp
NV4V31SF RENESAS-NV4V31SF_15 Datasheet
295Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com