Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL814 Datasheet (PDF) - Everlight Electronics Co., Ltd

EL814 Datasheet PDF - Everlight Electronics Co., Ltd
Part # EL814
Download  EL814 Download

File Size   369.51 Kbytes
Page   13 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description 4 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER

EL814 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL814 Datasheet PDF - Everlight Electronics Co., Ltd

Part # EL814
Download  EL814 Click to download

File Size   369.51 Kbytes
Page   13 Pages
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd
Description 4 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER

EL814 Datasheet (HTML) - Everlight Electronics Co., Ltd

Back Button EL814 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL814 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL814 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL814 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL814 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL814 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL814 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL814 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL814 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL814 Datasheet HTML 10Page - Everlight Electronics Co., Ltd Next Button 

EL814 Product details

Description

The EL814 series of devices each consist of two infrared emitting diodes, connected in inverse parallel, optically coupled to a phototransistor detector. 

They are packaged in a 4-pin DIP package and available in wide-lead spacing and SMD option.



Features:

• AC input response

• Current transfer ratio

(CTR: Min. 20% at IF=±1mA ,VCE=5V)

• High isolation voltage between input 

 and output   (Viso=5000 V rms )

• Wide Operating temperature range -55~110ºC

• High collector-emitter voltage VCEO=80V

• Compact dual-in-line package




Similar Part No. - EL814

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL814 EVERLIGHT-EL814 Datasheet
749Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
EL814 EVERLIGHT-EL814 Datasheet
995Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL814M(A)(TA)-V EVERLIGHT-EL814M(A)(TA)-V Datasheet
749Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
EL814M(A)(TB)-V EVERLIGHT-EL814M(A)(TB)-V Datasheet
749Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
EL814M(A)(TD)-V EVERLIGHT-EL814M(A)(TD)-V Datasheet
749Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
More results


Similar Description - EL814

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL814 EVERLIGHT-EL814_16 Datasheet
995Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX Datasheet
408Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
EL3H4-G EVERLIGHT-EL3H4-G_16 Datasheet
861Kb / 11P
   4 PIN SSOP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
EL816 EVERLIGHT-EL816_18 Datasheet
807Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817-G EVERLIGHT-EL817-G_17 Datasheet
797Kb / 12P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816MY EVERLIGHT-EL816MY Datasheet
1,018Kb / 15P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816M EVERLIGHT-EL816M Datasheet
508Kb / 15P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MB EVERLIGHT-EL817MB Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL817MC EVERLIGHT-EL817MC Datasheet
722Kb / 14P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com