Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST84W Datasheet (PDF) - STMicroelectronics

M41ST84W Datasheet PDF - STMicroelectronics
Part # M41ST84W
Download  M41ST84W Download

File Size   452.18 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS

M41ST84W Datasheet (PDF)

Go To PDF Page Download Datasheet
M41ST84W Datasheet PDF - STMicroelectronics

Part # M41ST84W
Download  M41ST84W Click to download

File Size   452.18 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS

M41ST84W Datasheet (HTML) - STMicroelectronics

Back Button M41ST84W Datasheet HTML 1Page - STMicroelectronics M41ST84W Datasheet HTML 2Page - STMicroelectronics M41ST84W Datasheet HTML 3Page - STMicroelectronics M41ST84W Datasheet HTML 4Page - STMicroelectronics M41ST84W Datasheet HTML 5Page - STMicroelectronics M41ST84W Datasheet HTML 6Page - STMicroelectronics M41ST84W Datasheet HTML 7Page - STMicroelectronics M41ST84W Datasheet HTML 8Page - STMicroelectronics M41ST84W Datasheet HTML 9Page - STMicroelectronics M41ST84W Datasheet HTML 10Page - STMicroelectronics Next Button 

M41ST84W Product details

SUMMARY DESCRIPTION
The M41ST84Y/W Serial supervisory TIMEKEEPER® SRAM is a low power 512-bit static CMOS SRAM organized as 64 words by 8 bits. A built-in 32.768 kHz oscillator (external crystal controlled) and 8 bytes of the SRAM (see Table 9, page 16) are used for the clock/calendar function and are configured in binary coded decimal (BCD) format.
An additional 12 bytes of RAM provide status/control of Alarm, Watchdog and Square Wave functions. Addresses and data are transferred serially via a two line, bi-directional I2C interface. The built-in address register is incremented automatically after each WRITE or READ data byte.
The M41ST84Y/W has a built-in power sense circuit which detects power failures and automatical ly switches to the battery supply when a power failure occurs. The energy needed to sustain the SRAM and clock operations can be supplied by a small lithium button-cell supply when a power failure occurs. Functions available to the user include a non-volatile, time-of-day clock/calendar, Alarm interrupts, Watchdog Timer and programmable Square Wave output. Other features include a Power-On Reset as well as an additional input (RSTIN) which can also generate an output Reset (RST). The eight clock address locations contain the century, year, month, date, day, hour, minute, second and tenths/hundredths of a second in 24 hour BCD format. Corrections for 28, 29 (leap year - valid until year 2100), 30 and 31 day months are made automatically.

FEATURES SUMMARY
■ 5.0 OR 3.0V OPERATING VOLTAGE
■ SERIAL INTERFACE SUPPORTS I2C BUS (400 KHz)
■ OPTIMIZED FOR MINIMAL INTERCONNECT TO MCU
■ 2.5 TO 5.5V OSCILLATOR OPERATING VOLTAGE
■ AUTOMATIC SWITCH-OVER and DESELECT CIRCUITRY
■ CHOICE OF POWER-FAIL DESELECT VOLTAGES:
   – M41ST84Y:
      VCC = 4.5 to 5.5V;
      4.20V ≤ VPFD ≤ 4.50V
   – M41ST84W:
      VCC = 2.7 to 3.6V;
      2.55V ≤ VPFD ≤ 2.70V
■ 1.25V REFERENCE (for PFI/PFO)
■ COUNTERS FOR TENTHS/HUNDREDTHS OF SECONDS, SECONDS, MINUTES, HOURS, DAY, DATE, MONTH, YEAR, and CENTURY
■ 44 BYTES OF GENERAL PURPOSE RAM
■ PROGRAMMABLE ALARM and INTERRUPT FUNCTION (VALID EVEN DURING BATTERY BACK-UP MODE)
■ WATCHDOG TIMER
■ MICROPROCESSOR POWER-ON RESET
■ BATTERY LOW FLAG
■ ULTRA-LOW BATTERY SUPPLY CURRENT OF 500 nA (max)
■ OPTIONAL PACKAGING INCLUDES A 28-LEAD SOIC and SNAPHAT® TOP (to be ordered separately)
■ SNAPHAT PACKAGE PROVIDES DIRECT CONNECTION FOR A SNAPHAT TOP, WHICH CONTAINS THE BATTERY and CRYSTAL




Similar Part No. - M41ST84W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
481Kb / 29P
   3.0/3.3V I2C Serial RTC with Supervisory Functions
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
302Kb / 34P
   3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
M41ST84WMQ6 STMICROELECTRONICS-M41ST84WMQ6 Datasheet
481Kb / 29P
   3.0/3.3V I2C Serial RTC with Supervisory Functions
M41ST84WMQ6E STMICROELECTRONICS-M41ST84WMQ6E Datasheet
481Kb / 29P
   3.0/3.3V I2C Serial RTC with Supervisory Functions
M41ST84WMQ6E STMICROELECTRONICS-M41ST84WMQ6E Datasheet
302Kb / 34P
   3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
More results


Similar Description - M41ST84W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M41ST95W STMICROELECTRONICS-M41ST95W Datasheet
545Kb / 35P
   5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
481Kb / 29P
   3.0/3.3V I2C Serial RTC with Supervisory Functions
M41T94 STMICROELECTRONICS-M41T94 Datasheet
433Kb / 31P
   512 Bit 64 bit x8 SERIAL RTC SPI SRAM
M41ST87W STMICROELECTRONICS-M41ST87W Datasheet
733Kb / 42P
   5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
logo
Cypress Semiconductor
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
logo
STMicroelectronics
M41ST84W STMICROELECTRONICS-M41ST84W_08 Datasheet
302Kb / 34P
   3.0/3.3 V I2C serial RTC with 44 bytes of NVRAM and supervisory functions
logo
Advanced Micro Devices
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
logo
STMicroelectronics
ST93C66 STMICROELECTRONICS-ST93C66 Datasheet
107Kb / 13P
   4K 256 x 16 or 512 x 8 SERIAL MICROWIRE EEPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com