Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST85 Datasheet (PDF) - STMicroelectronics

M41ST85 Datasheet PDF - STMicroelectronics
Part # M41ST85
Download  M41ST85 Download

File Size   530.95 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR

M41ST85 Datasheet (PDF)

Go To PDF Page Download Datasheet
M41ST85 Datasheet PDF - STMicroelectronics

Part # M41ST85
Download  M41ST85 Click to download

File Size   530.95 Kbytes
Page   34 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR

M41ST85 Datasheet (HTML) - STMicroelectronics

Back Button M41ST85 Datasheet HTML 1Page - STMicroelectronics M41ST85 Datasheet HTML 2Page - STMicroelectronics M41ST85 Datasheet HTML 3Page - STMicroelectronics M41ST85 Datasheet HTML 4Page - STMicroelectronics M41ST85 Datasheet HTML 5Page - STMicroelectronics M41ST85 Datasheet HTML 6Page - STMicroelectronics M41ST85 Datasheet HTML 7Page - STMicroelectronics M41ST85 Datasheet HTML 8Page - STMicroelectronics M41ST85 Datasheet HTML 9Page - STMicroelectronics M41ST85 Datasheet HTML 10Page - STMicroelectronics Next Button 

M41ST85 Product details

SUMMARY DESCRIPTION

The M41ST85Y/W Serial TIMEKEEPER®/Controller SRAM is a low power 512-bit, static CMOS SRAM organized as 64 words by 8 bits. A built-in 32.768 kHz oscillator (external crystal controlled) and 8 bytes of the SRAM (see Table 2., page 14) are used for the clock/calendar function and are configured in binary coded decimal (BCD) format.



FEATURES SUMMARY

■ 5.0 OR 3.0V OPERATING VOLTAGE

■ SERIAL INTERFACE SUPPORTS I2C BUS(400 KHz)

■ NVRAM SUPERVISOR FOR EXTERNAL LPSRAM

■ OPTIMIZED FOR MINIMAL INTERCONNECT TO MCU

■ 2.5 TO 5.5V OSCILLATOR OPERATING VOLTAGE

■ AUTOMATIC SWITCH-OVER AND DESELECT CIRCUITRY

■ CHOICE OF POWER-FAIL DESELECT VOLTAGES

– M41ST85Y: VCC= 4.5 to 5.5V; 4.20V ≤VPFD ≤4.50V

– M41ST85W: VCC= 2.7 to 3.6V; 2.55V ≤VPFD ≤2.70V

■ 1.25V REFERENCE (for PFI/PFO)

■ COUNTERS FOR TENTHS/HUNDREDTHS OF SECONDS, SECONDS, MINUTES, HOURS, DAY, DATE, MONTH, YEAR, AND

CENTURY

■ 44 BYTES OF GENERAL PURPOSE RAM

■ PROGRAMMABLE ALARM AND INTERRUPT FUNCTION (VALID EVEN DURING BATTERY BACK-UP MODE)

■ WATCHDOG TIMER

■ MICROPROCESSOR POWER-ON RESET

■ BATTERY LOW FLAG

■ POWER-DOWN TIMESTAMP (HT BIT)

■ ULTRA-LOW BATTERY SUPPLY CURRENT OF 500nA (MAX)

■ PACKAGING INCLUDES A 28-LEAD SOIC AND SNAPHAT® TOP (to be ordered separately)

■ SOIC SNAPHAT PACKAGE PROVIDES DIRECT CONNECTION FOR A SNAPHAT TOP WHICH CONTAINS THE BATTERY

AND CRYSTAL

■ SOIC EMBEDDED CRYSTAL PACKAGE (MX) OPTION

Fi

Fi




Similar Part No. - M41ST85

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST85W STMICROELECTRONICS-M41ST85W Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41ST85W STMICROELECTRONICS-M41ST85W Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85WMH6 STMICROELECTRONICS-M41ST85WMH6 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41ST85WMH6 STMICROELECTRONICS-M41ST85WMH6 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85WMH6E STMICROELECTRONICS-M41ST85WMH6E Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
More results


Similar Description - M41ST85

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41ST95W STMICROELECTRONICS-M41ST95W Datasheet
545Kb / 35P
   5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
M41ST84Y STMICROELECTRONICS-M41ST84Y Datasheet
452Kb / 31P
   5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
M41ST87W STMICROELECTRONICS-M41ST87W Datasheet
733Kb / 42P
   5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41T94 STMICROELECTRONICS-M41T94 Datasheet
433Kb / 31P
   512 Bit 64 bit x8 SERIAL RTC SPI SRAM
M41ST87Y STMICROELECTRONICS-M41ST87Y_08 Datasheet
461Kb / 48P
   5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
M41ST87W STMICROELECTRONICS-M41ST87W_11 Datasheet
787Kb / 54P
   5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
M41ST87Y STMICROELECTRONICS-M41ST87Y_10 Datasheet
695Kb / 52P
   5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com