Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50LPW040 Datasheet (PDF) - STMicroelectronics

M50LPW040 Datasheet PDF - STMicroelectronics
Part # M50LPW040
Download  M50LPW040 Download

File Size   272.66 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory

M50LPW040 Datasheet (PDF)

Go To PDF Page Download Datasheet
M50LPW040 Datasheet PDF - STMicroelectronics

Part # M50LPW040
Download  M50LPW040 Click to download

File Size   272.66 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory

M50LPW040 Datasheet (HTML) - STMicroelectronics

Back Button M50LPW040 Datasheet HTML 1Page - STMicroelectronics M50LPW040 Datasheet HTML 2Page - STMicroelectronics M50LPW040 Datasheet HTML 3Page - STMicroelectronics M50LPW040 Datasheet HTML 4Page - STMicroelectronics M50LPW040 Datasheet HTML 5Page - STMicroelectronics M50LPW040 Datasheet HTML 6Page - STMicroelectronics M50LPW040 Datasheet HTML 7Page - STMicroelectronics M50LPW040 Datasheet HTML 8Page - STMicroelectronics M50LPW040 Datasheet HTML 9Page - STMicroelectronics M50LPW040 Datasheet HTML 10Page - STMicroelectronics Next Button 

M50LPW040 Product details

DESCRIPTION
The M50LPW040 is a 4 Mbit (512Kb x8) nonvolatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (3.0 to 3.6V) supply. For fast programming and fast erasing in production lines an optional 12V power supply can be used to reduce the programming and the erasing times.

■ SUPPLY VOLTAGE
    – VCC = 3V to 3.6V for Program, Erase and Read Operations
    – VPP = 12V for Fast Program and Fast Erase (optional)
■ TWO INTERFACES
    – Low Pin Count (LPC) Standard Interface for embedded operation with PC Chipsets.
    – Address/Address Multiplexed (A/A Mux) Interface for programming equipment compatibility.
■ LPC HARDWARE INTERFACE MODE
    – 5 Signal Communication Interface supporting Read and Write Operations
    – Hardware Write Protect Pins for Block Protection
    – Register Based Read and Write Protection
    – 5 Additional General Purpose Inputs for platform design flexibility
    – Synchronized with 33 MHz PCI clock
■ PROGRAMMING TIME
    – 10µs typical
    – Quadruple Byte Programming Option
■ 8 UNIFORM 64 Kbyte MEMORY BLOCKS
■ PROGRAM/ERASE CONTROLLER
    – Embedded Byte Program and Block/Chip Erase algorithms
    – Status Register Bits
■ PROGRAM and ERASE SUSPEND
    – Read other Blocks during Program/Erase Suspend
    – Program other Blocks during Erase Suspend
■ FOR USE in PC BIOS APPLICATIONS
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Device Code: 26h




Similar Part No. - M50LPW040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
M50LPW041K STMICROELECTRONICS-M50LPW041K Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
M50LPW041K1T STMICROELECTRONICS-M50LPW041K1T Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
M50LPW041N STMICROELECTRONICS-M50LPW041N Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
M50LPW041N1T STMICROELECTRONICS-M50LPW041N1T Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
More results


Similar Description - M50LPW040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
M50LPW080 STMICROELECTRONICS-M50LPW080 Datasheet
272Kb / 44P
   8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
August 2004
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
M29W040 STMICROELECTRONICS-M29W040 Datasheet
205Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M50LPW002 STMICROELECTRONICS-M50LPW002 Datasheet
258Kb / 39P
   2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
May 2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com