Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC153 Datasheet (PDF) - STMicroelectronics

M54HC153 Datasheet PDF - STMicroelectronics
Part # M54HC153
Download  M54HC153 Download

File Size   260.88 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER

M54HC153 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HC153 Datasheet PDF - STMicroelectronics

Part # M54HC153
Download  M54HC153 Click to download

File Size   260.88 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER

M54HC153 Datasheet (HTML) - STMicroelectronics

Back Button M54HC153 Datasheet HTML 1Page - STMicroelectronics M54HC153 Datasheet HTML 2Page - STMicroelectronics M54HC153 Datasheet HTML 3Page - STMicroelectronics M54HC153 Datasheet HTML 4Page - STMicroelectronics M54HC153 Datasheet HTML 5Page - STMicroelectronics M54HC153 Datasheet HTML 6Page - STMicroelectronics M54HC153 Datasheet HTML 7Page - STMicroelectronics M54HC153 Datasheet HTML 8Page - STMicroelectronics M54HC153 Datasheet HTML 9Page - STMicroelectronics M54HC153 Datasheet HTML 10Page - STMicroelectronics Next Button 

M54HC153 Product details

DESCRIPTION
The M54/74HC153 and M54/74HC253 are high speed CMOS DUAL 4-CHANNEL MULTIPLEXERS fabricated with silicon gate C2MOS technology.
   
■ HIGH SPEED
    tPD = 12 ns (TYP.) at VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 4 µA (MAX.) at TA = 25 °C
■ HIGH NOISE IMMUNITY
    VNIH = VNIL = 28 % VCC (MIN.)
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
 |IOH = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
    VCC (OPR) = 2 V to 6 V
■ PIN AND FUNCTION COMPATIBLE WITH
    54/74LS153/253
   



Similar Part No. - M54HC153

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC153 STMICROELECTRONICS-M54HC153 Datasheet
338Kb / 9P
   RAD-HARD DUAL 4 CHANNEL MULTIPLEXER
M54HC153 STMICROELECTRONICS-M54HC153 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC153D STMICROELECTRONICS-M54HC153D Datasheet
338Kb / 9P
   RAD-HARD DUAL 4 CHANNEL MULTIPLEXER
M54HC153D STMICROELECTRONICS-M54HC153D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC153D1 STMICROELECTRONICS-M54HC153D1 Datasheet
338Kb / 9P
   RAD-HARD DUAL 4 CHANNEL MULTIPLEXER
More results


Similar Description - M54HC153

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC253 STMICROELECTRONICS-M74HC253 Datasheet
355Kb / 11P
   DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
logo
Toshiba Semiconductor
TC74HC153AP TOSHIBA-TC74HC153AP_07 Datasheet
370Kb / 10P
   Dual 4-Channel Multiplexer with 3-State Output
logo
STMicroelectronics
M54HC253 STMICROELECTRONICS-M54HC253_04 Datasheet
229Kb / 10P
   RAD-HARD DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
logo
National Semiconductor ...
MM74HC253 NSC-MM74HC253 Datasheet
121Kb / 4P
   Dual 4-Channel TRI-STATE Multiplexer
logo
Toshiba Semiconductor
TC74VHC153F TOSHIBA-TC74VHC153F_V01 Datasheet
302Kb / 6P
   DUAL 4-CHANNEL MULTIPLEXER
1997-03-30
TC74VHC153F TOSHIBA-TC74VHC153F Datasheet
229Kb / 6P
   DUAL 4-CHANNEL MULTIPLEXER
TC74AC153P TOSHIBA-TC74AC153P Datasheet
261Kb / 7P
   DUAL 4-CHANNEL MULTIPLEXER
logo
New Japan Radio
NJU4052B NJRC-NJU4052B Datasheet
197Kb / 5P
   DUAL 4-CHANNEL MULTIPLEXER?
logo
Toshiba Semiconductor
TC74ACT153F TOSHIBA-TC74ACT153F_12 Datasheet
269Kb / 8P
   Dual 4-Channel Multiplexer
TC74VHC153F TOSHIBA-TC74VHC153F_12 Datasheet
218Kb / 10P
   Dual 4-Channel Multiplexer
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com